Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 24Page - NXP Semiconductors SSL4120 Datasheet HTML 25Page - NXP Semiconductors SSL4120 Datasheet HTML 26Page - NXP Semiconductors SSL4120 Datasheet HTML 27Page - NXP Semiconductors SSL4120 Datasheet HTML 28Page - NXP Semiconductors SSL4120 Datasheet HTML 29Page - NXP Semiconductors SSL4120 Datasheet HTML 30Page - NXP Semiconductors SSL4120 Datasheet HTML 31Page - NXP Semiconductors SSL4120 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
28 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
The fast charge and discharge is used for the upper frequency range where
VSSHBC/EN <Vss(hf-lf)(SSHBC) = 5.6 V. In the upper frequency range, the currents in the
converter do not react strongly to frequency variations.
The slow charge and discharge speed is used for the lower frequency range where
VSSHBC/EN >Vss(hf-lf)(SSHBC) = 5.6 V. In the lower frequency range, the currents in the
converter react strongly to frequency variations.
Section 7.8.10.2 describes how the two-speed soft-start function is used for overcurrent
regulation.
The soft-start capacitor is not charged or discharged during non-operation time in burst
mode. The soft-start voltage does not change during this time.
7.8.8.3
Soft-start reset
Some protection functions, such as overcurrent protection, require fast correction of the
operating frequency set point, but do not require switching to stop. See the protection
overview in Section 7.9 for details on which protection functions use this step to the
maximum frequency. The SSL4120 has a special fast soft-start reset feature for the HBC
controller that forces Vfmax(ss)(RFMAX) on the RFMAX pin. Soft-start reset is also used when
the HBC controller is enabled using the SSHBC/EN pin or after a restart to ensure a
safe-start at maximum frequency. Soft-start reset is not used when the operation was
stopped in burst mode.
When a protection function is activated, the oscillator control input is disconnected from
the soft-start capacitor Css(HBC) which is connected between the SSHBC/EN pin and
ground. The switching frequency is immediately set to a maximum. Setting the switching
frequency to a maximum restores safe switching operation in most cases. At the same
time, the capacitor is discharged to the maximum frequency level Vfmax(SSHBC). Once
VSSHBC/EN has reached this level, the oscillator control input is connected to the pin again
and the normal soft-start sweep follows. Figure 16 shows the soft-start reset and the
two-speed frequency sweep downwards.
Fig 16. Soft-start reset and two-speed soft-start
Protection
0
Vfmax(SSHBC)
VSSHBC/EN
Vfmin(SSHBC)
0
fmin
fHB
fmax
t
off
on
fmax
forced
fast
sweep
slow sweep
regulation
regulation
Vss(hf-lf)(SSHBC)
014aaa864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com