| Electronic Components Datasheet Search |
|
SSL4120 Datasheet(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL4120 Datasheet(HTML) 32 Page - NXP Semiconductors |
|
32 / 48 page ![]() SSL4120 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 1 November 2012 32 of 48 NXP Semiconductors SSL4120 Resonant power supply controller IC with PFC for LED lighting Capacitive mode is detected when the HB slope does not start within tto(cmr) after the MOSFETs have switched off. Detection of Capacitive mode increases the switching frequency. This increase is caused by discharging the soft-start capacitor with a relatively high current Icmr(hf)(SSHBC) immediately after tto(cmr) expires until the half-bridge slope starts. The frequency increase regulates the HBC to the border between capacitive and inductive mode. 7.9 Protection functions overview Table 4. Overview protections Protected part Symbol Protection Affected Action Description IC UVP-SUPIC Undervoltage protection SUPIC IC disable Section 7.2.1 IC UVP-SUPREG Undervoltage protection SUPREG IC disable Section 7.2.2 IC UVP-supplies Undervoltage protection supplies IC disable and reset Section 7.3 IC SCP-SUPIC Short circuit protection SUPIC IC low HV start-up current Section 7.2.4 IC OVP output Overvoltage protection output IC shutdown Section 7.5.4 IC UVP output Undervoltage protection output IC restart after protection time Section 7.5.5 IC OTP Overtemperature protection IC disable Section 7.5.6 PFC OCR-PFC Overcurrent regulation PFC PFC switch off cycle-by-cycle Section 7.7.7 PFC UVP mains Undervoltage protection mains PFC suspend switching Section 7.7.8 PFC OVP boost Overvoltage protection boost PFC suspend switching Section 7.7.9 PFC SCP boost Short circuit protection boost IC restart Section 7.7.10 PFC OLP-PFC Open-loop protection PFC IC restart Section 7.7.10 HBC UVP boost Undervoltage protection boost HBC disable Section 7.8.2 HBC OLP-HBC Open-loop protection HBC IC restart after protection time Section 7.8.7 HBC HFP-HBC High-frequency protection HBC IC restart after protection time Section 7.8.9 HBC OCR-HBC Overcurrent regulation HBC HBC IC increase frequency restart after protection time Section 7.8.10.2 HBC OCP-HBC Overcurrent protection HBC HBC step to maximum frequency Section 7.8.10.3 HBC CMR Capacitive mode regulation HBC increase frequency Section 7.8.11 HBC ANO Adaptive non-overlap HBC prevent hazardous switching Section 7.8.4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |