Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 19Page - NXP Semiconductors SSL4120 Datasheet HTML 20Page - NXP Semiconductors SSL4120 Datasheet HTML 21Page - NXP Semiconductors SSL4120 Datasheet HTML 22Page - NXP Semiconductors SSL4120 Datasheet HTML 23Page - NXP Semiconductors SSL4120 Datasheet HTML 24Page - NXP Semiconductors SSL4120 Datasheet HTML 25Page - NXP Semiconductors SSL4120 Datasheet HTML 26Page - NXP Semiconductors SSL4120 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
23 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
MOSFETs. In capacitive mode, the body diode in the switched off MOSFET can start
conducting. Switching on the other MOSFET at this instant can result in the immediate
destruction of the MOSFETs.
The advanced adaptive non-overlap time of the SSL4120 always waits until the slope at
the half-bridge node starts. It guarantees safe switching of the MOSFETs in all
circumstances. Figure 11 shows the adaptive non-overlap time function operation in
capacitive mode.
In capacitive mode, half the resonance period can elapse before the resonant current
changes back to the correct polarity and starts charging the half-bridge node. The
oscillator is slowed down until the half-bridge slope starts to allow this relatively long
waiting time. See Section 7.8.5 for more details on the oscillator.
The MOSFET is forced to switch on when the half-bridge slope fails to start and the
oscillator voltage reaches Vu(CFMIN).
The switching frequency is increased to eliminate the problems associated with capacitive
mode operation (see Section 7.8.11).
7.8.5 HBC slope controlled oscillator (CFMIN and RFMAX pins)
The slope-controlled oscillator determines the half-bridge switching frequency. The
oscillator generates a triangular waveform between Vu(CFMIN) and Vl(CFMIN) at the external
capacitor Cfmin.
Figure 12 shows how the frequency is determined.
Fig 11. Adaptive non-overlap time function (capacitive operation)
VSNSFB
0
ISNSFB
Vpu(SNSFB)
Ifmin(SNSFB)
VRFMAX
VRFMAX
0
Ifmax(SNSFB)
0
VSSHBC = 8.4 V
Iolp(SNSFB)
Volp(SNSFB)
Vfmin(SNSFB)
Vfmax(SNSFB)
Vclamp(SNSFB)
VSNSFB
Iclamp(SNSFB)
014aaa862
Vfmax(ss)(RFMAX)
Vfmax(fb)(RFMAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com