Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 16Page - NXP Semiconductors SSL4120 Datasheet HTML 17Page - NXP Semiconductors SSL4120 Datasheet HTML 18Page - NXP Semiconductors SSL4120 Datasheet HTML 19Page - NXP Semiconductors SSL4120 Datasheet HTML 20Page - NXP Semiconductors SSL4120 Datasheet HTML 21Page - NXP Semiconductors SSL4120 Datasheet HTML 22Page - NXP Semiconductors SSL4120 Datasheet HTML 23Page - NXP Semiconductors SSL4120 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
20 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
7.7.9 PFC boost overvoltage protection, OVP boost (SNSBOOST pin)
An overvoltage protection circuit has been built in to prevent boost overvoltage during load
steps and mains transients. Switching of the power factor correction circuit is inhibited
when the voltage on the SNSBOOST pin > Vovp(SNSBOOST).
PFC switching resumes when VSNSBOOST <Vovp(SNSBOOST) again.
Overvoltage protection is also triggered when an open circuit occurs at the resistor
connected between the SNSBOOST pin and ground.
7.7.10 PFC short circuit/open-loop protection, SCP/OLP-PFC (SNSBOOST pin)
The PFC circuit does not start switching until the voltage on the SNSBOOST
pin > Vscp(SNSBOOST). This acts as short-circuit protection for the Vboost (SCP boost).
The SNSBOOST pin draws a small input current Iprot(SNSBOOST). If this pin gets
disconnected, the residual current pulls down VSNSBOOST which triggers the short-circuit
protection (SCP boost). This combination creates an open-loop protection (OLP-PFC).
7.8 HBC controller
The HBC controller converts the Vboost 400 V from the PFC into one or more regulated DC
output voltages and drives two external MOSFETs in a half-bridge configuration
connected to a transformer. The transformer forms the resonant circuit in combination with
the resonant capacitor and the load at the output. The transformer has a leakage
inductance and a magnetizing inductance. The regulation is realized using frequency
control.
7.8.1 HBC high-side and low-side driver (GATEHS and GATELS pins)
Both drivers have an identical driving capability. The output of each driver is connected to
the equivalent gate of an external high-voltage power MOSFET.
The low-side driver is referenced to the PGND pin and is supplied from the SUPREG pin.
The high-side driver is floating. The reference for the high-side driver is the HB pin,
connected to the midpoint of the external half-bridge. The high-side driver is supplied from
the SUPHS pin which is connected to the external bootstrap capacitor CSUPHS. When the
low-side MOSFET is on, the bootstrap capacitor is charged from the SUPREG pin using
the external diode DSUPHS.
7.8.2 HBC boost undervoltage protection, UVP boost (SNSBOOST pin)
The SNSBOOST pin voltage is sensed continuously to prevent the HBC controller trying
to operate at very low boost input voltages. When VSNSBOOST <Vuvp(SNSBOOST) HBC
switching stops the next time the GATELS pin goes HIGH. HBC switching resumes when
VSNSBOOST >Vstart(SNSBOOST).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com