Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 18Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 19Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 20Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 21Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 22Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 23Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 24Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 25Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
Table 3. Connector Description
Connector
Function
Pin definition
J34
Mini USB connector
Pin 1 - VBUS
Pin 2 - D-
Pin 3 - D+
Pin 4 - NC
Pin 5 - GND
Chassis - GND
J35
BDM connector
Pin 1 - BKGD_JM60
Pin 2 - GND
Pin 3 - NC
Pin 4 - RST_JM60
Pin 5 - NC
Pin 6 - USB_PWR
J36
Programmer connector
Pin 1 - VDDOTPIN (8.5V boost output)
Pin 2 - 3V3 (3.3 V LDO output)
Pin 3 - GND
Pin 4 - MCU_SCL (I2C clock signal)
Pin 5 - MCU_SDA (I2C data signal)
Pin 6 - PWRON (Controls the PWRON on the target device)
Pin 7 - GPIO 1 (General Purpose GPIO)
Pin 8 - GPIO 2 (General Purpose GPIO)
J42
Debug Port 1
Debugging connector for future development tools.
SW1C
SW1C
SW1AB
SW1AB
SW4
SW4
SW2
SW2
SW3B
SW3B
SW3A
SW3A
J42
HDR_2X10
DNP
1
2
3
4
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J43
Debug Port 2
Debugging connector for future development tools
VGEN1
VGEN2
VGEN3
VGEN4
VGEN5
VGEN6
VSNVS
VREFDDR
ST
J43
HDR_2X10
DNP
1
2
3
4
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J44
Debug Port 3
Debugging connector for future development tools
SWVIN
PVIN
STANDBY
PWRON
INTB
SDWNB
RESETBMCU
SWBST
VDDIO
MCU_SCL
MCU_SDA
J44
HDR_2X10
DNP
1
2
3
4
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
KTPF0100UG, Rev. 2.0
22
Freescale Semiconductor
Hardware Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com