Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 61Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 62Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 63Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 64Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 65Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 66Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 67Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 68Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
65
Bill of Materials
12 Bill of Materials
Item Qty
Assy
Opt
Schematic
Label
Value/Description
Part Number
Manufacturer
1
1
BAT1
BATTERY LITHIUM -- 3V
5.5MAH
MS621F-FL11E
SII MICRO PARTS
LTD.
2
1
BAT2
HOLDER COIN CELL 6.8MM
SMT
BK-879
MEMORY
PROTECTION
DEVICES INC
3
4
BH1, BH2, BH3,
BH4
MOUNTING HOLE 0.130
INCH, NOT A PART TO
ORDERr
NOT A PART TO ORDER NO MFG
4
7
C1, C3, C5, C8,
C9, C12, C13
CAP CER 4.7μF 10V 10% X5R
0603
5
7
C2, C6, C10, C11,
C14, C44, C45
CAP CER 0.1μF 10V 10% X5R
0402
6
5
C4, C7, C19, C56,
C77
CAP CER 0.1μF 10V 10% X7R
0402
7
1
C15
CAP CER 0.01μF 50V 10%
X7R 0402
8
14
C16, C21, C22,
C25, C26, C27,
C28, C29, C30,
C31, C32, C33,
C82, C83
CAP CER 22μF 10V 20% X5R
0805
9
1
DNP
C17
CAP CER 1000PF 50V X7R
5% 0402
10
1
C18
CAP CER 10μF 10V 10% X7R
0805
11
5
C20, C34, C38,
C42, C43
CAP CER 2.2μF 6.3V 20% X5R
0402
12
1
DNP
C23
CAP CER 22μF 10V 20% X5R
0805
13
1
DNP
C24
CAP CER 22μF 10V 10% X7R
1210
14
2
C35, C41
CAP CER 4.7μF 6.3V 20% X5R
0402
15
3
C36, C37, C39
CAP CER 10μF 16V 10% X7R
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com