Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 12Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 13Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 14Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 15Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 16Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 17Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 18Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 19Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
RESET
INDICATOR
RESERVED
INDICATOR
INTERRUPT
INDICATOR
Mounting Holes
GND's
I2C Terminal Blocks
Interface Terminal Blocks
LDO Terminal Blocks
HOT PLUG WORKAROUND
GND
VGEN1
VGEN2
VGEN3
VGEN4
VGEN5
VGEN6
VSNVS
GND
INTB
SDWNB
RESETBMCU
STANDBY
PWRON
GND
GND
GND
VREFDDR
GND
VDDIO
GND
VCOREDIG
PVIN
PVIN
PVIN
PVIN
PVIN
SWVIN
PVIN
RESETBMCU
MCU_SDA
MCU_SCL
VGEN1
VGEN2
VGEN3
VGEN4
VGEN5
VGEN6
VSNVS
VREFDDR
STANDBY
PWRON
INTB
SDWNB
RESETBMCU
SWBST
VDDIO
MCU_SCL
MCU_SDA
SW1C
SW1C
SW1AB
SW1AB
SW4
SW4
SW2
SW2
SW3B
SW3B
SW3A
SW3A
D2
LED Red
J16
SUBASSY_TB_3x1
1
2
3
BH4
MTG
R80
27K
R84
0
DNP
J19
SUBASSY_TB_3x1
1
2
3
R38
200 OHM
GND3
DNP
R39
200 OHM
Q3
FDV302P
1
C85
2.2UF
DNP
BH2
MTG
D3
LED Red
J21
SUBASSY_TB_3x1
1
2
3
J42
HDR_2X10
DNP
1
2
3
4
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
R40
200 OHM
U7
MIC5205
IN
1
GND
2
ADJ
4
EN
3
OUT
5
R83
0
DNP
J18
SUBASSY_TB_3x1
1
2
3
J32
SUBASSY_TB_3x1
1
2
3
GND5
DNP
R81
470K
J44
HDR_2X10
DNP
1
2
3
4
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J33
SUB_TB_2x1
1
2
BH3
MTG
D4
LED_RED-GRN
BH1
MTG
Q2
FDV302P
1
GND1
DNP
GND6
DNP
GND2
DNP
J31
SUB_TB_2x1
1
2
GND4
DNP
J43
HDR_2X10
DNP
1
2
3
4
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
C86
470PF
R69
200 OHM
Q1
FDC6327C
2
6
1
5
4
3
J29
SUBASSY_TB_3x1
1
2
3
R82
0
DNP
KTPF0100UG, Rev. 2.0
16
Freescale Semiconductor
Evaluation Board Schematic
Figure 12. KITPF0100EPEVBE LDO/Control Schematic Part 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com