Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 42Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 43Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 44Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 45Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 46Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 47Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 48Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 49Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
KTPF0100UG, Rev. 2.0
46
Freescale Semiconductor
Graphical User Interface Description
10.4.2.1 Syntax and Command Set
Delimiters
•
':' - Is used as a separator
•
'/' - Anything after a '/' will be ignored.
•
White spaces will be truncated.
Table 8. Command List(2)
Command
Description
WRITE_I2C:<Addr>:<Data>
Sends <Data> to I2C register <Addr>.(3)
READ_I2C:<Addr>
Reads the value of <Addr> and displays it in the Script Log. (3)
VPGM:ON
Enables the 8.0 V OTP programming supply.
VPGM:OFF
Disables the 8.0 V OTP programming supply.
VPGM:UP:<n>
Increases the OTP programming voltage (VPGM) in <n> DAC steps.
VPGM:DOWN:<n>
Decreases the OTP programming voltage (VPGM) in <n> DAC steps.
V3V3:ON
Enables the 3.3 V system supply.
V3V3:OFF
Disables the 3.3 V system supply.
PWRON:HIGH
Releases the PWRON signal to a high-impedance state, allowing the
PF0100 to start up.
PWRON:LOW
Asserts the PWRON signal LOW, forcing the PF0100 to shutdown.
PWRON:TOGGLE
Asserts the PWRON signal LOW, and then releases it to a
high-impedance state, generating a power on event on the PF0100.
DELAY:<value>
Adds delay between script commands. Note that delays are cumulative
with the Script Delay set on the Editor. delay is set in ms.
GPIO1:HIGH
Releases the GPIO1 signal to a high-impedance state.
GPIO1:LOW
Asserts the GPIO1 signal LOW.
GPIO1:TOGGLE
Asserts the GPIO1 signal LOW, and then releases it to a high-impedance
state.
GPIO2:HIGH
Releases the GPIO2 signal to a high-impedance state.
GPIO2:LOW
Asserts the GPIO2 signal LOW.
GPIO2:TOGGLE
Asserts the GPIO2 signal LOW, and then releases it to a high-impedance
state.
SW1x:MODE:<operator>
Sets the mode of operation of the SW1x regulator. The valid operators
are as follows:
•OFF
•PFM
•PWM
• APS
SW1x:VOUT:<value>
Sets the SW1x output voltage in normal operation. Operating range from
0.300 V to 1.875 V in 0.025 V steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com