Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 13Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 14Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 15Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 16Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 17Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 18Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 19Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 20Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
CLOSED
CLOSED
CLOSED
CLOSED
CLOSED
CLOSED
CLOSED
CLOSED
SW3AFB
SW1ABFB
SW1BIN
SW3BIN
SW3BLX
SW3ALX
SW1CLX
SW2LX
SWBSTIN
SW1CFB
SW1CFB
SW1VSSSNS
SW2LX
SW2FB
SW3AFB
SW2FB
SW4LX
SW4LX
SW4FB
SW1BLX
SW4FB
SW1ALX
SW3BFB
SW4IN
SWBSTFB
SWBSTFB
SW1ABFB
SW1CIN
SWBSTLX
SW1CLX
SW1BLX
SW1ALX
SW3BLX
SW3BFB
SW3ALX
SWVIN
SWVIN
SWVIN
SWVIN
SWVIN
SWVIN
SWVIN
SWVIN
SW2
SW4
SW1AB
SW3A
SW3B
SWBST
SW1C
C33
22UF
R17
0.001
DNP
LX_SWB1
DNP
L1
2.2UH
1
2
L7
1uH
1
2
J9
HDR 1X2 TH
1
2
J8
SUB_TB_2x1
1
2
L8
1uH
1
2
SW4
DNP
C7
0.1uF
J3
HDR 1X2 TH
1
2
C15
0.01UF
C18
10UF
C31
22UF
C20
2.2UF
J5
HDR 1X2 TH
1
2
C83
22UF
LX_SWA1
DNP
R2
1.0
DNP
L4
1uH
1
2
R1
0.001
VIN_SWA1
DNP
VIN_SWC1
C10
0.1UF
C29
22UF
C13
4.7uF
R7
0.001
DNP
VIN_SW2
C14
0.1UF
J2
HDR 1X2 TH
1
2
C16
22UF
R70
0.001
DNP
C32
22UF
C5
4.7uF
SWB3
DNP
J12
SUB_TB_2x1
1
2
C12
4.7uF
C21
22UF
C30
22UF
SWA3
DNP
VIN_SWB1
C2
0.1UF
VIN_SWBST1
DNP
VSWBST1
DNP
C28
22UF
D1
MBR120LSFT1G
A
C
C25
22UF
R4
0.001
L5
1uH
1
2
C23
22UF
DNP
C11
0.1UF
L3
1uH
1
2
C9
4.7uF
LX_SWBST1
DNP
R16
0.001
R85
0
J6
HDR 1X2 TH
1
2
C26
22UF
J11
SUB_TB_2x1
1
2
R3
0.001
C1
4.7uF
C8
4.7uF
LX_SWA3
DNP
LX_SW2
DNP
R6
0.001
J10
SUB_TB_2x1
1
2
VIN_SWA3
DNP
LX_SW4
DNP
C24
22UF
DNP
R9
0.001
DNP
LX_SWB3
DNP
VIN_SWB3
DNP
J13
SUB_TB_2x1
1
2
J4
HDR 1X2 TH
1
2
SW2
DNP
R11
0.001
VIN_SW4
DNP
J14
SUB_TB_2x1
1
2
J15
SUB_TB_2x1
1
2
R10
0.001
DNP
R8
0.001
C19
0.1uF
C27
22UF
J1
HDR 1X2 TH
1
2
J7
HDR 1X2 TH
1
2
SWC1
DNP
C17
1000pF
DNP
C22
22UF
C4
0.1uF
C6
0.1UF
LX_SWC1
DNP
SWAB1
DNP
L2
1uH
1
2
L6
1UH
1
2
C3
4.7uF
C82
22UF
MMPF0100NPEP
U1C
SW1CIN
12
SW1VSSSNS
14
SW2IN_1
23
SW3AFB
38
SW3AIN
37
SW3ALX
36
SW3BFB
33
SW3BIN
34
SW3BLX
35
SW3VSSSNS
32
SW4FB
19
SW4IN
20
SWBSTFB
44
SWBSTIN
45
SWBSTLX
46
SW1AIN
7
SW1ALX
8
SW1BIN
10
SW1BLX
9
SW1CFB
13
SW1CLX
11
SW1FB
6
SW2FB
25
SW2LX
22
SW4LX
21
SW2IN_2
24
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
17
Evaluation Board Schematic
Figure 13. KITPF0100EPEVBE Switching Regulators Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com