Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 41Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 42Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 43Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 44Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 45Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 46Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 47Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 48Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
45
Graphical User Interface Description
Proceed by manually writing the desired commands or use the “Command” button to display a graphical command
selector in a new window, as shown in Figure 40.
 
Figure 40. Command Selector Window
The “Command” window contains a set of commands that are useful for automatically sequencing the PF0100
power supplies, thereby emulating system behavior. The “Command” window is organized in six sections, as
described below:
•
PF0100 - SWITCHING SUPPLIES> place a single script command with the selected buck regulator and the
desired function. The available functions are: mode selection, operating voltage setpoint, standby voltage
setpoint, OFF voltage setpoint, enable current limit and disable current limit. Note that for SW2, SW3A/B
and SW4, the VOLTS RANGE HIGH box need to be checked if the initial power up voltage is set to the high
voltage operating range. If working in the lower voltage range, leave the box unchecked.
•
PF0100 - LINEAR SUPPLIES> places a single script command with the selected LDO regulator and the
desired function. The available functions are: operating voltage setpoint, enable and disable output.
•
PF0100 - SWBST> Permits changing the operating voltage, as well as enabling and disabling the SWBST
output.
•
PROGRAMMER COMMANDS> Enables or disables the 3.3V supply as well as the ~8.0V boost supply on
the KITPF0100EPEVBE. Allows a progressive step-up/step-down of the ~8.0V output and controls the
general purpose output to set the PWRON terminal on the PF0100 high or set the same PWRON terminal
low or toggle a pulse that triggers a PWRON event.
•
OTHER COMMANDS> This section provides access to common instructions initiated by the control MCU.
The possible commands include delay, add separator bar, generic I2C write/read, set GPIO1 and GPIO2
high, low or toggle.
•
LOG COMMAND> provide a log report of the actual status of a specific configuration on the PMIC. Syntax
for the log commands are shown in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com