Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  KTPF0100UG Datasheet HTML 1Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 2Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 3Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 4Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 5Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 6Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 7Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 8Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
5
Hardware/Software Requirements
5
Hardware/Software Requirements
5.1
Hardware Requirements
•
Power supply:
•
Output voltage range from 3.1 V to 4.5 V
•
Current capability from 3 to 5 A (current requirement is dependent on output loading)
•
Supply to board connection cables (capable of withstanding up to 5 A current)
•
USB (male) to mini USB (male) communication cable.
•
USB-enabled computer.
5.2
Software Requirements
•
Windows XP or Windows 7 operating system
•
Microsoft .NET Framework 4.0
•
NI-VISA 5.1.2 communication package + development support with .NET Framework 4.0 languages
support
•
KITPF0100GUI.zip: Graphical User Interface (GUI) for KITPF0100EPEVBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com