Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 20Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 21Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 22Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 23Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 24Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 25Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 26Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 27Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
KTPF0100UG, Rev. 2.0
24
Freescale Semiconductor
Hardware Description
9.3.2
SW3A/B Configuration Components
SW3AFB
SW3BLX
SW3ALX
SW3BFB
SW3A
SW3B
R17
0.001
DNP
C33
22UF
L7
1uH
1
2
L8
1uH
1
2
C31
22UF
SWB3
DNP
C32
22UF
R70
0.001
DNP
SWA3
DNP
C30
22UF
R16
0.001
LX_SWA3
DNP
LX_SWB3
DNP
J15
SUB_TB_2x1
1
2
J14
SUB_TB_2x1
1
2
Figure 17. SW3A/B Output Configuration
The SW3A/B regulator can be configured in various operating modes as described in Table 5.
Table 5. SW3ABC Configuration Chart
Component
SW3A/B
Single phase
SW3A/B
Dual phase
SW3A Independent
SW3B Independent
R16
Closed
DNP
DNP
R17
Closed
Closed
DNP
R70
DNP
Closed
Closed
L7
1.0
μH
ISAT = 3.9A
1.0
μH
ISAT = 3.0A
1.0
μH
ISAT = 3.0 A
L8
N/A
1.0
μH
ISAT = 3.0 A
1.0
μH
ISAT = 3.0 A
9.3.3
LDO Input Supply Source Selection
CLOSED
6.8mm
Place Bottom
6.8mm Leade
Place Top
VGEN1
VGEN2
VGEN3
VGEN4
VGEN5
VIN1
VIN3
VREFDDR
VSNVS
VIN2
VGEN6
VGEN1
VGEN2
VGEN3
VGEN4
VGEN5
VGEN6
VIN
VSNVS
SW3A
SW3B
SW4
SW2
SW2
SW2
SW4
C44
0.1UF
C43
2.2UF
C40
1.0UF
R24
0
DNP
R20
0
DNP
MMPF0100NPEP
U1B
VGEN1
16
VGEN2
18
VIN3
40
VHALF
29
VIN1
17
VGEN6
41
VINREFDDR
30
VREFDDR
31
VSNVS
43
VGEN3
26
VGEN4
28
VIN2
27
LICELL
42
VGEN5
39
R23
0
DNP
R27
0
DNP
BAT2
BK-879
VREFDDR1
DNP
C41
4.7uF
C45
0.1UF
C47
0.47uF
C42
2.2UF
R22
0
C35
4.7uF
BAT1
LICELL
R25
0
R26
0
C38
2.2UF
VHALF1
DNP
C46
0.22uF
C34
2.2UF
C84
1.0UF
J20
HDR 1X3
1
2
3
VINREFDDR1
DNP
R21
0
Figure 18. LDO Schematic Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com