Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 21Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 22Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 23Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 24Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 25Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 26Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 27Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 28Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
2-3 CLOSED
VCOREDIG
VCOREREF
VCORE
VDDOTP
ICTEST
VDDIO
INTB
SDWNB
RESETBMCU
STANDBY
PWRON
VIN
PVIN
VSNVS
PVIN
MCU_SDA
MCU_SCL
PWRON
STANDBY
3V3
INTB
RESETBMCU
SDWNB
3V3
SW2
SW4
VDDOTP1
DNP
C51
1.0UF
J22
HDR 1X3
VDDIO1
DNP
SW1
FSMSM
1
2
R47
0
CONSUMER/INDUSTRIAL
MMPF0100NPEP
U1A
ICTEST
5
INTB
1
RESETBMCU
3
SCL
54
SDA
53
SDWNB
2
STANDBY
4
VCOREDIG
51
VCOREREF
52
VDDIO
55
VDDOTP
47
PWRON
56
VCORE
49
GNDREF
48
VIN
50
J26
HDR 1X2 TH
1
2
R31
10.0K
PWRON1
DNP
VIN_SENSE1
DNP
C54
1.0UF
J30
HDR 1X3
R37
4.7K
STANDBY1
DNP
C52
1.0UF
VCORE1
DNP
SDA1
DNP
R35
0
C56
0.1uF
J32
1
2
R33
0
DNP
C55
1.0UF
DNP
SDWNB1
DNP
C53
0.22uF
VCOREREF1
DNP
SCL1
DNP
R28
1M
R46
0
VCOREDIG1
DNP
RESETBMCU1
DNP
R36
4.7K
R43
0
J29
SUBASSY_TB_3x1
1
2
3
ICTEST1
DNP
R34
0
R30
10.0K
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
25
Hardware Description
Figure 19. Logic and Core Supplies Schematic
Table 6. LDO Input Supply Configuration Chart
Input Pin
Input options
VIN1
Input supply for VGEN1 and VGEN2
R20 = SW4
R21 = SW2
VIN2
Input supply for VGEN3 and VGEN4
R24 = SW4
R22 = SW2
VIN3
Input supply for VGEN5 and VGEN6
R23 = VIN
R25 = SW2
VINREFDDR
VREFDDR input supply
R26 = SW3A
R27 = SW3B
VDDIO
VDDIO Input supply
R33 = SW4
R34 = SW2
1.
Make sure to populate only one option per input pin to avoid shorts between
various sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com