Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 25Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 26Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 27Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 28Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 29Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 30Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 31Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 32Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
29
Hardware Description
9.4.3
Control/Programming Interface
This onboard USB-to-I2C interface comprises three basic blocks.
1. Controlling MCU (MC9S08JM60CGTE) for USB-I2C translation.
2. 3.3V LDO supply for external device controlling.
3. 8.25V boost converter for OTP programming.
The control/programming interface allows one to program the onboard PF0100 PMIC. Alternatively, the interface
can serve as a programmer for external devices though the connector J36.
Programming Interface
USB Connector Type A
BDM Programmer
ESD PROTECTION
Crystal
MAIN IC
MC9S08JM60
LED
INDICATORS
8V - Boost Converter
CLOSED
LDO REGULATOR 3.3V
VOUT = 1.242 X ( (R2/R1) + 1) = 3.3V
R2 = ((VOUT/1.242) -1) X R1
R1
R2
Place on Bottom
Place on Bottom
Place on Bottom
Place on Bottom
Place on Bottom
D-
D+
G
V
V
USBDN
USBDP
USB_PWR
RST_JM60
EXTAL_JM60
XTAL_JM60
EXTAL_JM60
XTAL_JM60
BKGD_JM60
BSTEN
VUSBEN
3V3EN
VPGMEN
LRON
LGON
ID0
ID1
USBDN
USBDP
VUSB33
VUSB33
RST_JM60
BKGD_JM60
LGON
LRON
PWRON
MCU_SCL
BSTEN
BSTDN
BSTUP
VPGMEN
BSTUP
BSTDN
VDDOTPIN
3V3
3V3EN
VIN_USB
GPIO1
GPIO2
MCU_SDA
VUSBEN
VIN_USB
VDDOTPIN_SNS
VDDOTPIN_SNS
USB_PWR
USB_PWR
USB_PWR
USB_PWR
USB_PWR
0
0
0
PVIN
0
0
0
0
0
VDDOTPIN
3V3
PWRON
GPIO2
MCU_SDA
MCU_SCL
GPIO1
VIN_USB
3V3
VIN_USB
R73
0
U4
MAX686
LX
16
VCC
12
ISET
6
VDD
5
SHDN
7
DN
3
UP
2
POK
11
LCDON
14
REF
9
FB
10
NC
15
DACOUT
8
POL
4
R51
4.7K
L9
HI1812V101R-10
Q10
FDN360P
3
2
C60
22PF
R71
20K
R67
470
J35
HDR 2X3
1
2
3
4
6
5
C64
0.47UF
C80
1.0UF
C57
0.1uF
R77
100K
R48
1.5K
DNP
C62
0.1uF
R66
47K
+
C71
15UF
D7
R41
1M
1
2
Q9
BSS138
1
L10
22UH
1
2
R65
10K
R60
470K
C61
22PF
U2
MC9S08JM60CGTE
PTC4
1
IRQ/TPMCLK
2
RESET
3
PTF0/TPM1CH2
4
PTF1/TPM1CH3
5
PTF4/TPM2CH0
6
PTF5/TPM2CH1
7
PTE0/TxD1
9
PTE1/RxD1
10
PTE2/TPM1CH0
11
PTE3/TPM1CH1
12
PTE4/MISO1
13
PTE5/MOSI1
14
PTE6/SPSCK1
15
PTE7/SS1
16
USBDN
19
USBDP
20
VUSB33
21
PTG0/KBIP0
22
PTG1/KBIP1
23
PTB0/MISO2/ADP0
26
PTB1/MOSI2/ADP1
27
PTB2/SPSCK2/ADP2
28
PTB3/SS2/ADP3
29
PTB4/KBIP4/ADP4
30
PTB5/KBIP5/ADP5
31
PTD0/ADP8/ACMP+
32
PTD1/ADP9/ACMP-
33
PTD2/KBIP2/ACMPO
36
PTG2/KBIP6
38
PTG3/KBIP7
39
BKGD/MS
40
PTG4/XTAL
41
PTG5/EXTAL
42
PTC0/SCL
44
PTC1/SDA
45
PTC2
46
PTC3/TxD2
47
PTC5/RxD2
48
PTF6
8
PTA5
25
PTA0
24
PTD7
37
R75
47K
VBUS
D-
D+
ID
G
USB-MiniB
J34
S2
S1
S3
S4
J39
HDR 1X3
Y1
12 MHz
I/O1
1
GND4
4
I/O3
3
GND2
2
D11
LED Red
D9
MBR130LSFT1G
A
C
C63
0.1uF
R49
1.5K
DNP
D6
C74
0.1uF
U5
MIC5205
IN
1
GND
2
ADJ
4
EN
3
OUT
5
R76
470K
R61
120K
C79
2.2uF
DNP
R64
10K
R74
0
D8
R72
12.0K
C65
0.1uF
+
C59
10UF
F1
0.5A
R55
100
+
C73
4.7uF
+
C66
4.7UF
J36
HDR 2X4
1
2
3
4
6
5
7
8
R59
374K
C72
22PF
C78
470PF
R42
33
1
2
R63
10K
R50
4.7K
C76
0.1uF
Q8
BSS138
1
Q6
FDN360P
3
2
Q5
FDN360P
3
2
C77
0.1uF
D5
+
C81
2.2UF
C58
0.1uF
L11
HI1812V101R-10
R78
100K
R68
470
R56
604K
C75
1UF
D10
R45
33
1
2
PROGRAMMING CONNECTOR
Figure 23. Control/Programming Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com