Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 54Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 55Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 56Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 57Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 58Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 59Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 60Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 61Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
KTPF0100UG, Rev. 2.0
58
Freescale Semiconductor
Graphical User Interface Description
Figure 49. Scripting Log Session Example
Note: If it is desired to carry out One-Time Programming of the PF0100 device soldered on the
KITPF0100EPEVBE evaluation board, ensure that the board hardware is correctly configured according to the
chosen OTP settings.
Furthermore, the KITPF0100EPEVBE allows the configuration of the SW2 regulator or an external 3.3V LDO
output as the VDDIO/I2C pull-up supply. By default, the SW2 regulator is the source for the VDDIO supply (J30 =
3-2). If the SW2 regulator is to be set below 3.0V then make sure the 3.3V LDO output is connected to VDDIO and
the I2C pull-up resistors by removing R34 and R33 and shorting pins 1, 2 and 3 of J30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com