Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  KTPF0100UG Datasheet HTML 1Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 2Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 3Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 4Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 5Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 6Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 7Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 8Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
KTPF0100UG, Rev. 2.0
4
Freescale Semiconductor
Introduction
3
Introduction
The KITPF0100EPEVBE evaluation board allows full evaluation capability of the PF0100 PMIC for the i.MX6
family of application processors. It provides access to all output voltage rails as well as control and signal pins
through terminal block connectors for an easier out-of-the-box evaluation experience. A single terminal block
connector for the input power supply allows the user to supply the board with an external DC power supply to fully
evaluate the performance of the device.
The KITPF0100EPEVBE comes with a non-programmed version of the PF0100 PMIC, so it is prepared to power
up from the default sequence. However, an integrated control/fuse programming interface is provided to allow the
customer to program the OTP/TBB (One Time Programmable/Try-Before-Buy) memory and also to select it as the
default source for the power-up configuration. Likewise, the programming interface allows full control of the
PF0100 through the I2C communication lines.
This document is intended to provide an overview of the KITPF0100EPEVBE evaluation board as well as detailed
instruction for programming the PF0100 through its dedicated Graphic User Interface (GUI).
Note: This document provides updated information on the installation and use of the current PF0100 EVK Control
GUI, revision 3.0.0.20. Some discrepancies may be found if using an earlier version of the GUI. To learn about the
version of the GUI you are using, please refer to section “Graphical User Interface Description”.
4
KITPF0100EPEVBE Features
•
Input voltage operation range from 3.1 V to 4.5 V
•
Output voltage supplies accessible through detachable terminal blocks
•
Four to six independent buck converters
•
One 5.0 V boost regulator
•
Six general purpose LDO regulators
•
One DDR memory termination voltage reference
•
One VSRTC supply
•
Coin cell support for “Try-Before-Buy” (TBB) mode
•
On/off push button support
•
Hardware configuration flexibility through various jumper headers and resistors
•
Integrated USB to I2C programming interface for full control/configuration
•
Onboard OTP programming supply and control
•
Onboard PMIC control through the I2C register map
•
Fully featured programmer through J36 for external device control/programming
•
On board connectors for interfacing with future evaluation/debug tools
•
Compact form factor (4 x 4 in2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com