Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 15Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 16Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 17Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 18Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 19Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 20Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 21Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 22Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
19
Hardware Description
9
Hardware Description
The KITPF0100EPEVBE operates with a single power supply from 3.1 to 4.5 V and is controlled via USB with help
of an integrated USB-I2C communication bridge. By applying the input voltage supply, the KITPF0100EPEVBE will
power up according to the default power-up sequence described in the PF0100 datasheet. Furthermore, for
controlling the PF0100 device or programming the OTP registers, refer to section Graphical User Interface
Description for a detailed description of the KITPF0100GUI software.
Important notice: If power-up sequences and configuration are to be modified, the user must ensure that the
register settings are consistent with the hardware configuration. This is most important for the buck regulators,
where the quantity, size, and value of the inductors depend on the configuration (single/dual phase or independent
mode) and the switching frequency. Additionally, if an LDO is powered by a buck regulator, it will be gated by the
buck regulator in the start-up sequence. Refer to the MMPF0100 Datasheet for details on buck regulator setup.
9.1
Jumper Description
Table 1. KITPF0100EPEVBE jumper description
Jumper
Default
Description
J1 - J7
Closed
Buck regulators input power path isolation.
Short these jumpers to allow SWxIN to be powered from the SWVIN supply.
J9
Closed
SWBST regulator input power path isolation.
Short this jumper to allow SWBSTIN to be powered from the SWVIN supply.
J17
5-6
VDDOTP Supply selector
• 1-2: Connect VDDOTP to the OTP Boost output (VDDOTPIN) for OTP programming.
• 3-4: Connect VDDOTP to GND to power up from OTP/TBB sequence.
• 5-6: Connect VDDOTP to VCOREDIG to power up from Default Power up sequence.
J20
1-2
Coin cell selector.
• 1-2: Enables BAT1 as the main coin cell supply.
• 2-3: Enables BAT2 as the main coin cell supply.
J40
Closed
Shorts PVIN and SWVIN. Allows supply isolation to provide more accurate efficiency
readings on the switching supplies.
J41
Open
Shorts SWVIN to VIN. Allows one to isolate or connect the PF0100 logic input supply to
SWVIN net. (debugging option)
J27
Closed
Shorts PVIN to VIN. Allows one to isolate or connect the PF0100 logic input supply to
PVIN net. (debugging option)
J22
2-3
PF0100 input logic supply selector.
• 1-2: Connects PF0100 VIN terminal to the 3.3V external LDO regulator for debugging
purposes.
• 2-3: Connects PF0100 VIN terminal to the main input supply. Refer to Figure 11.
J26
Open
Short to hold PWRON pin low.
J24
Open
Short to pull STANDBY to VSNVS voltage supply.
J30
2-3
I2C pull-up supply selector
• 1-2: Pull the SCL/SDA signals to the external 3.3V LDO regulator output.
• 2-3: Pull the SCL/SDA signals to the selected VDDIO supply.
If 3.3V LDO output is desired as the VDDIO and I2C supply, remove R33 and R34 and
short pins 1,2 and 3 to make sure VDDIO uses the same reference as the I2C supply.
J39
1-2
Control Interface input supply selector
• 1-2: Enables PVIN node as the input supply source for the control interface.
• 2-3: Enables USB power as the input supply source for the control interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com