Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 10Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 11Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 12Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 13Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 14Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 15Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 16Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 17Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
KTPF0100UG, Rev. 2.0
14
Freescale Semiconductor
Hardware Configuration
Connect the power supply and the USB communication cables as shown in Figure 10. Voltmeters are optional but
it are recommended in order to accurately verify that each one of the output supplies is providing the correct
voltage level.
Figure 10. Evaluation Board Setup
Note: The KITPF0100EPEVBE allows the selection of SW2 regulator output or an external 3.3V LDO output as
the VDDIO/I2C pull-up supply. By default, the SW2 regulator is the source for the VDDIO supply (J30 = 3-2). If the
SW2 regulator is to be set below 3.0V then make sure the 3.3V LDO output is connected to VDDIO and the I2C
pull-up resistors by removing R34 and R33 and shorting pins 1, 2 and 3 of J30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com