Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 64Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 65Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 66Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 67Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 68Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 69Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 70Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 71Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
KTPF0100UG, Rev. 2.0
68
Freescale Semiconductor
Bill of Materials
53
4
L3, L4, L5, L8
IND PWR 1UH@100KHZ 2.4A
30% SMT
LPS4012-102NLC
COILCRAFT
54
1
L6
IND PWR 1UH@1MHZ 2A
30% SMT
VLS252010T-1R0N
TDK
55
1
L7
IND PWR 1UH@100KHZ
2.65A 20% SMT
LPS5015-102MLC
COILCRAFT
56
1
L9
IND FER 100 OHM@100MHZ
8A 25% SMD/1812
HI1812V101R-10
LAIRD
TECHNOLOGIES
57
1
L10
IND PWR CHK 22UH@1KHZ
1A 20% SMD
744773122
WURTH
ELEKTRONIK EISOS
GMBH & CO. KG
58
1
L11
IND FER 100 OHM@100MHZ
8A 25% SMD/1812
HI1812V101R-10
LAIRD
TECHNOLOGIES
59
1
Q1
TRAN MOSFET DUAL N & P
CHANNEL 2.5V S-SOT6
FDC6327C
FAIRCHILD
60
2
Q2, Q3
TRAN PMOS SW 120MA 25V
SOT23
FDV302P
FAIRCHILD
61
3
Q5, Q6, Q10
TRAN PMOS SW 2A 30V
SSOT3
FDN360P
FAIRCHILD
62
2
Q8, Q9
TRAN NMOS 50V 220MA
SOT-23
BSS138
FAIRCHILD
63
6
R1, R3, R4, R6,
R8, R16
RES -- 0.001 OHM 1/4W 5%
0805
LMI-R001-5.0
ISABELLENHÜTTE
HEUSLER GMBH &
CO. KG
64
1
DNP
R2
RES MF 1.0 OHM 1/16W 1%
0402
65
5
DNP
R7, R9, R10, R17,
R70
RES -- 0.001 OHM 1/4W 5%
0805
LMI-R001-5.0
ISABELLENHÜTTE
HEUSLER GMBH &
CO. KG
66
1
R11
RES MF 0.001 OHM 1W 1%
1206
CSNL1206FT1L00
STACKPOLE
ELECTRONICS
67
5
DNP
R20, R23, R24,
R27, R33
RES MF ZERO OHM 1/10W
1% 0603
68
6
R21, R22, R25,
R26, R34, R85
RES MF ZERO OHM 1/10W
1% 0603
69
2
R28, R41
RES MF 1.0M 1/16W 1% 0402
70
2
R29, R79
RES MF 100K 1/16W 5% 0402
Item Qty
Assy
Opt
Schematic
Label
Value/Description
Part Number
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com