Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 27Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 28Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 29Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 30Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 31Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 32Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 33Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 34Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
 
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
31
Graphical User Interface Description
Figure 25. Log List Box.
5. If prototyping is desired, the Try-Before-Buy mode can be enabled or disabled though the TBB On or TBB
Off buttons respectively. The operating mode will be displayed on the lower left area of the KITPF0100GUI
as shown in Figure 26. The KITPF0100GUI version is shown in the lower right area of the graphical
interface.
Figure 26. TBB Mode Enable/Disable
6. This step is optional: To use the onboard 3.3V LDO to supply VDDIO and the pull-up source for I2C
signal lines instead of the SW2 regulator of PF0100. Put J30 in position [1-2] and press the “Enable 3.3V
Supply” button.
 
Figure 27. 3.3V Supply Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com