Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 63Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 64Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 65Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 66Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 67Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 68Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 69Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 70Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
67
Bill of Materials
35
1
D1
DIODE SCH PWR RECT 1A
20V SMT
MBR120LSFT1G
ON
SEMICONDUCTOR
36
3
D2, D3, D11
LED RED SGL 30MA 0603
SML-LXFM0603SIC-TR
LUMEX
37
1
D4
LED DUAL GRN/RED 30MA
SMT
LTST-C195KGJRKT
LITE ON
38
4
D5, D6, D7, D8
DIODE TVS ESD PROT ULT
LOW CAP 5-5.4V SOD-923
ESD9L5.0ST5G
ON
SEMICONDUCTOR
39
1
D9
DIODE SCH PWR RECT 1A
30V SOD-123
MBR130LSFT1G
ON
SEMICONDUCTOR
40
1
D10
LED GRN SGL 30MA SMT
0603
SML-LXFM0603SUGCTR LUMEX
41
1
F1
FUSE PLYSW 0.5A 13.2V SMT MICROSMD050F-2
RAYCHEM
42
56
DNP
-
TEST POINT RED 40 MIL
DRILL 180 MIL TH 109L
43
13
J1, J2, J3, J4, J5,
J6, J7, J9, J24,
J26, J27, J40, J41
HDR 1X2 TH 100MIL SP 339H
AU 118L
44
9
J8, J10, J11, J12,
J13, J14, J15,
J31, J33
SUBASSEMBLY CON 1X2 TB
TH 3.81MM SP 201H -- 138L +
TERM BLOCK PLUG 3.81MM
2POS
45
7
J16, J18, J19,
J21, J25, J29, J32
SUBASSEMBLY CON 1X3 TB
TH 3.81MM SP 201H -- 138L +
TERM BLOCK PLUG 3.81MM
3POS
46
2
J17, J35
HDR 2X3 TH 100MIL CTR
335H AU 95L
47
4
J20, J22, J30, J39 HDR 1X3 TH 100MIL SP 340H
AU 118L
48
1
J34
CON 5 USB MINI-B RA SHLD
SKT SMT 31MIL SP AU
675031340
MOLEX
49
1
J36
HDR 2X4 TH 100MIL CTR
425H AU 310L
50
3
DNP
J42, J43, J44
HDR 2X10 SMT 100MIL SP
383H AU
51
1
L1
IND PWR 2.2UH@100KHZ
2.0A 20% SMT
LPS3015-222ML_
COILCRAFT
52
1
L2
IND PWR 1UH@100kHz 6A
20% SMT
XAL4020-102MEC
COILCRAFT
Item Qty
Assy
Opt
Schematic
Label
Value/Description
Part Number
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com