Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 65Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 66Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 67Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 68Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 69Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 70Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 71Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 72Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
69
Bill of Materials
71
3
R30, R31, R32
RES MF 10.0K 1/16W 1% 0402
72
6
R35, R43, R46,
R47, R73, R74
RES MF ZERO OHM 1/10W --
0402
73
4
R36, R37, R50,
R51
RES MF 4.70K 1/16W 1% 0402
74
4
R38, R39, R40,
R69
RES MF 200 OHM 1/10W 1%
0402
75
2
R42, R45
RES MF 33.0 OHM 1/16W 1%
0402
76
2
DNP
R48, R49
RES MF 1.5K 1/16W 5% 0402
77
1
R55
RES MF 100 OHM 1/10W 1%
0603
78
1
R56
RES MF 604K 1/16W 1% 0402
79
1
R59
RES MF 374K 1/16W 1% 0402
80
2
R60, R76
RES MF 470K 1/16W 1% 0402
81
1
R61
RES MF 120K 1/16W 1% 0402
82
3
R63, R64, R65
RES MF 10K 1/16W 5% 0402
83
2
R66, R75
RES MF 47K 1/16W 1% 0402
84
2
R67, R68
RES MF 470 OHM 1/16W 1%
0402
85
1
R71
RES MF 20K 1/10W 5% 0603
86
1
R72
RES MF 12.0K 1/10W 1% 0603
87
2
R77, R78
RES MF 100K 1/16W 1% 0402
88
1
R80
RES MF 27K 1/16W 5% 0402
89
1
R81
RES MF 470K 1/16W 5% 0402
90
3
DNP
R82, R83, R84
RES MF ZERO OHM 1/10W --
0402
91
1
DNP
SW1
SW SPST PB 12V 50MA SMT
Item Qty
Assy
Opt
Schematic
Label
Value/Description
Part Number
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com