Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 23Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 24Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 25Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 26Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 27Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 28Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 29Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 30Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
27
Hardware Description
9.4
Miscellaneous Components
9.4.1
Power on Push Button
A footprint for a normally open, momentary push-button is provided at the PWRON terminal to allow a momentary
low state by pressing the push button. R43 allows isolation of the PWRON terminal from the MCU GPIO controlling
this pin.
VSNVS
PWRON
STANDBY
INTB
RESETBMCU
SDWNB
SW1
FSMSM
1
2
U1A
INTB
1
RESETBMCU
3
SDWNB
2
STANDBY
4
VCOREDIG
51
VCOREREF
52
VDDIO
55
VDDOTP
47
PWRON
56
VCORE
49
GNDREF
48
VIN
50
J26
HDR 1X2 TH
1
2
PWRON1
DNP
R28
1M
R43
0
Figure 21. Power on Circuit
9.4.2
PMIC LED Indicators
LED indicators are provided to notify the PMIC status to the user. Figure 22 shows the PMIC status LEDs D2 and
D4, and a Reserved LED indicator D3, that allows for an external rework connection to the transistor gate if any
given signal debug is required.
RESET
INDICATOR
SHUTDOWN
INDICATOR
INTERRUPT
INDICATOR
PVIN
PVIN
PVIN
PVIN
RESETBMCU
D2
LED Red
R38
200 OHM
R84
0
DNP
R39
200 OHM
Q3
FDV302P
1
D3
LED Red
R40
200 OHM
Q2
FDV302P
1
D4
LED_RED-GRN
R69
200 OHM
Q1
FDC6327C
2
6
1
5
4
3
RESERVED
Figure 22. PMIC Status Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com