Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 62Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 63Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 64Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 65Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 66Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 67Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 68Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 69Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
KTPF0100UG, Rev. 2.0
66
Freescale Semiconductor
Bill of Materials
16
9
C40, C48, C49,
C50, C51, C52,
C54, C84, C87
CAP CER 1.0μF 10V 10% X5R
0402
17
2
C46, C53
CAP CER 0.22μF 16V 10%
X7R 0402
18
1
C47
CAP CER 0.47μF 10V 10%
X7R 0402
19
1
DNP
C55
CAP CER 1.0μF 10V 10% X5R
0402
20
5
C57, C58, C62,
C63, C65
CAP CER 0.1μF 16V 10% X5R
0402
21
1
C59
CAP TANT 10μF 16V 10% --
3216-18
22
3
C60, C61, C72
CAP CER 22PF 25V 5% C0G
0402
23
1
C64
CAP CER 0.47μF 16V 10%
X7R 0603
24
1
C66
CAP TANT 4.7μF 10V 10% --
3216-18
25
1
C71
CAP TANT ESR 0.600 OHMS
15μF 25V 10% -- 3528-21
26
1
C73
CAP TANT 4.7μF 25V 10% --
3528-21
27
1
C74
CAP CER 0.1μF 25V 10% X5R
0402
28
1
C75
CAP CER 1.0μF 25V 10% X5R
0603
29
1
C76
CAP CER 0.1μF 6.3V 10% X7R
0402
30
2
C78, C86
CAP CER 470PF 50V 5% COG
0603
31
1
DNP
C79
CAP CER 2.2μF 16V 10% X5R
0603
32
1
C80
CAP CER 1.0μF 16V 10% X5R
0603
33
1
C81
CAP TANT ESR=1.800 OHMS
2.2μF 10V 10% 3216-18
34
1
DNP
C85
CAP CER 2.2μF 6.3V 20% X5R
0402
Item Qty
Assy
Opt
Schematic
Label
Value/Description
Part Number
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com