Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 43Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 44Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 45Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 46Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 47Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 48Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 49Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 50Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
47
Graphical User Interface Description
SW1x:VSTBY:<value>
Sets the SW1x output voltage to the STANDBY mode. Operating range
from 0.300 V to 1.875 V in 0.025 V steps.
SW1x:OFF:<value>
Sets the SW1x output voltage to the OFF Mode. Operating range from
0.300 V to 1.875 V in 0.025 V steps.
SW1x:ILIM:<operator>
Enables/disables the SW1x current limit. Valid operators:
•ON
•OFF
SWx:MODE:<operator>
Sets the mode of operation of the SWx regulator. Following are valid
operators:
•OFF
•PFM
•PWM
• APS
SWx:VOUT:<value>
Sets the SWx output voltage to normal operation. Full operating range
from 0.300 V to 3.300 V divided into two operating ranges(4):
• Low Voltage Range > 0.300 V to 1.875 V in 0.025 V steps.
• High voltage Range > 0.800 V to 3.300 V in 0.050 V steps.
SWx:VSTBY:<value>
Sets the SWx output voltage to the STANDBY mode. Full operating range
from 0.300 V to 3.300 V divided in two operating ranges(4):
• Low Voltage Range > 0.300 V to 1.875 V in 0.025 V steps.
• High voltage Range > 0.800 V to 3.300 V in 0.050 V steps.
SWx:OFF:<value>
Sets the SWx output voltage to the OFF mode. Full operating range from
0.300 V to 3.300 V divided into two operating ranges(4):
• Low Voltage Range > 0.300 V to 1.875 V in 0.025 V steps.
• High voltage Range > 0.800 V to 3.300 V in 0.050 V steps.
SWx:ILIM:<operator>
Enables/disables the SWx current limit. Valid operators:
•ON
•OFF
SWBST:VOUT:<value>
Set the output voltage of the SWBST regulator.
Valid output voltage:
•5.000
•5.050
•5.100
•5.150
SWBST:ON
Enables SWBST regulator
SWBST:OFF
Disables SWBST regulator.
VGENx:ON
Enables the VGENx supply.
VGENx:OFF
Disables the VGENx supply.
VGENx:VOUT:<value>
Sets the output voltage for VGENx supply.
• VGEN1/2 operating range: 0.800 V to 1.550 V with 50 mV steps.
• VGEN3/4/5/6 operating range: 1.800 V to 3.3 V with 100 mV steps.
VREFDDR:ON
Enables the VREFDDR supply.
Table 8. Command List(2)
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com