Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 19Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 20Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 21Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 22Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 23Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 24Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 25Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 26Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
23
Hardware Description
9.3
Debug and Configuration Components
The KITPF0100EPEVBE allows full flexibility to change the default configuration of SW1A/B/C and SW3A/B
outputs to one more suitable for a specific application scenario. It also provides several source options for the LDO
supplies to test various loading and supplying scenarios.
Test point are provided on key nodes of the KITPF0100EPEVBE to allow full debugging capability during
application development.
9.3.1
SW1A/B/C Configuration Components
SW1ABFB
SW1CFB
SW1BLX
SW1ALX
SW1CLX
SW1AB
SW1C
LX_SWB1
DNP
LX_SWA1
DNP
L4
1uH
1
2
R7
0.001
DNP
C21
22UF
L3
1uH
1
2
C23
22UF
DNP
R4
0.001
C25
22UF
J11
SUB_TB_2x1
1
2
C26
22UF
J10
SUB_TB_2x1
1
2
R6
0.001
R11
0.001
R9
0.001
DNP
C24
22UF
DNP
R8
0.001
R10
0.001
DNP
C22
22UF
SWC1
DNP
L2
1uH
1
2
SWAB1
DNP
LX_SWC1
DNP
Figure 16. SW1A/B/C Output Configuration
The SW1A/B/C regulator can be configured in various operating modes as described in Table 4.
Table 4. SW1ABC Configuration Chart
Component
SW1A/B/C
Single phase
SW1A/B Single phase
SW1C independent
SW1A/B Dual phase
SW1C independent
R6
Closed
Closed
DNP
R9
Closed
DNP
DNP
R4
Closed
Closed
Closed
R7
Closed
DNP
Closed
R8
DNP
DNP
Closed
R10
Closed
DNP
DNP
R11
DNP
Closed
Closed
L2
1.0
μH
ISAT = 6.0 A
1.0
μH
ISAT = 4.5 A
1.0
μH
ISAT = 2.4 A
L3
N/A
N/A
1.0
μH
ISAT = 2.4 A
L4
N/A
1.0
μH
ISAT = 2.4 A
1.0
μH
ISAT = 2.4 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com