Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPF0100UG Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 11Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 12Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 13Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 14Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 15Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 16Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 17Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 18Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
GND
PVIN
INPUT SUPPLIES
LDO Inputs SENSE
VGEN SENSE
VDD OTP
CLOSED
CLOSED
2-3 CLOSED
6.8mm
Place Bottom
6.8mm Leaded
Place Top
CLOSED
SWVIN
VGEN1
VGEN2
VGEN3
VGEN4
VGEN5
VIN3
VGEN1
VGEN2
VGEN3
VGEN4
VGEN5
VGEN6
VSNVS
VIN2
VIN1
VCOREDIG
VCOREREF
VCORE
VDDOTP
ICTEST
VSNVS
VDDOTP
VCOREDIG
VDDOTPIN
VGEN6
STANDBY
VIN2
VIN1
VREFDDR
VDDIO
VGEN1
VGEN2
VGEN3
VGEN4
VGEN5
VGEN6
VIN
VIN
VIN
PVIN
VSNVS
VSNVS
PVIN
PVIN
PVIN
SWVIN
SWVIN
MCU_SDA
SW3A
SW3B
MCU_SCL
PWRON
STANDBY
SW4
3V3
INTB
RESETBMCU
SDWNB
VGEN1
VGEN2
VGEN3
VGEN4
VGEN5
VGEN6
VSNVS
3V3
SW2
SW2
SW2
SW2
SW4
SW4
VDDOTPIN
VSNVS
C44
0.1UF
VGEN3
DNP
C51
1.0UF
VGEN1
DNP
MMPF0100NPEP
U1B
VGEN1
16
VGEN2
18
VIN3
40
VHALF
29
VIN1
17
VGEN6
41
VINREFDDR
30
VREFDDR
31
VSNVS
43
VGEN3
26
VGEN4
28
VIN2
27
LICELL
42
VGEN5
39
R20
0
DNP
VDDOTP1
DNP
R24
0
DNP
C39
10.0uF
VGEN4
DNP
C40
1.0UF
C43
2.2UF
J40
HDR 1X2 TH
VDDIO1
DNP
J22
HDR 1X3
R27
0
DNP
R23
0
DNP
VGEN6
DNP
BAT2
BK-879
CONSUMER/INDUSTRIAL
MMPF0100NPEP
U1A
ICTEST
5
INTB
1
RESETBMCU
3
SCL
54
SDA
53
SDWNB
2
STANDBY
4
VCOREDIG
51
VCOREREF
52
VDDIO
55
VDDOTP
47
PWRON
56
VCORE
49
GNDREF
48
VIN
50
R47
0
SW1
FSMSM
1
2
C41
4.7uF
VIN_SENSE1
DNP
PWRON1
DNP
C50
1.0UF
R31
10.0K
VREFDDR1
DNP
J26
HDR 1X2 TH
1
2
C45
0.1UF
VIN2
DNP
VIN3
DNP
J30
HDR 1X3
C54
1.0UF
C47
0.47uF
R35
0
C42
2.2UF
SDA1
DNP
R32
10.0K
VCORE1
DNP
R29
100K
C52
1.0UF
STANDBY1
DNP
R37
4.7K
R33
0
DNP
VGEN5
DNP
C56
0.1uF
J25
SUBASSY_TB_3x1
1
2
3
C87
1.0UF
J24
SDWNB1
DNP
R22
0
VIN1
DNP
C55
1.0UF
DNP
C48
1.0UF
C53
0.22uF
BAT1
LICELL
C35
4.7uF
C46
0.22uF
VHALF1
DNP
INTB1
DNP
C38
2.2UF
R26
0
R25
0
R46
0
R28
1M
C37
10.0uF
SCL1
DNP
VCOREREF1
DNP
C34
2.2UF
J27
HDR 1X2 TH
VSNVS1
DNP
C36
10.0uF
C84
1.0UF
R43
0
J20
HDR 1X3
1
2
3
C49
1.0UF
R36
4.7K
RESETBMCU1
DNP
VCOREDIG1
DNP
R30
10.0K
R34
0
ICTEST1
DNP
J17
HDR 2X3
VGEN2
DNP
R21
0
VINREFDDR1
DNP
R79
100K
J41
HDR 1X2 TH
1
2
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
15
Evaluation Board Schematic
8
Evaluation Board Schematic
Figure 11. KITPF0100EPEVBE LDO/Control Schematic Part 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com