Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
ADAU1761
Rev. C | Page 27 of 92
SAMPLING RATES
The ADCs, DACs, and serial port share a common sampling
rate that is set in Register R17 (Converter Control 0 register,
Address 0x4017). The CONVSR[2:0] bits set the sampling rate
as a ratio of the base sampling frequency. The DSP sampling
rate is set in Register R57 (DSP sampling rate setting register,
Address 0x40EB) using the DSPSR[3:0] bits, and the serial port
sampling rate is set in Register R64 (serial port sampling rate
register, Address 0x40F8) using the SPSR[2:0] bits.
It is recommended that the sampling rates for the converters,
serial ports, and DSP be set to the same value, unless appropriate
compensation filtering is done within the DSP. Table 13 and
Table 14 list the sampling rate divisions for common base
sampling rates.
Table 13. 48 kHz Base Sampling Rate Divisions
Base Sampling
Frequency
Sampling Rate Scaling
Sampling Rate
fS/1
48 kHz
fS/6
8 kHz
fS/4
12 kHz
fS/3
16 kHz
fS/2
24 kHz
fS/1.5
32 kHz
fS = 48 kHz
fS/0.5
96 kHz
Table 14. 44.1 kHz Base Sampling Rate Divisions
Base Sampling
Frequency
Sampling Rate Scaling
Sampling Rate
fS/1
44.1 kHz
fS/6
7.35 kHz
fS/4
11.025 kHz
fS/3
14.7 kHz
fS/2
22.05 kHz
fS/1.5
29.4 kHz
fS = 44.1 kHz
fS/0.5
88.2 kHz
PLL
The PLL uses the MCLK as a reference to generate the core
clock. PLL settings are set in Register R1 (PLL control register,
Address 0x4002). Depending on the MCLK frequency, the PLL
must be set for either integer or fractional mode. The PLL can
accept input frequencies in the range of 8 MHz to 27 MHz.
All six bytes in the PLL control register must be written with a
single continuous write to the control port.
MCLK
÷ X
× (R + N/M)
TO PLL
CLOCK DIVIDER
Figure 31. PLL Block Diagram
Integer Mode
Integer mode is used when the MCLK is an integer (R) multiple
of the PLL output (1024 × fS).
For example, if MCLK = 12.288 MHz and fS = 48 kHz, then
PLL required output = 1024 × 48 kHz = 49.152 MHz
R = 49.152 MHz/12.288 MHz = 4
In integer mode, the values set for N and M are ignored.
Fractional Mode
Fractional mode is used when the MCLK is a fractional
(R + (N/M)) multiple of the PLL output.
For example, if MCLK = 12 MHz and fS = 48 kHz, then
PLL required output = 1024 × 48 kHz = 49.152 MHz
R + (N/M) = 49.152 MHz/12 MHz = 4 + (12/125)
Common fractional PLL parameter settings for 44.1 kHz and
48 kHz sampling rates can be found in Table 16 and Table 17.
The PLL outputs a clock in the range of 41 MHz to 54 MHz,
which should be taken into account when calculating PLL
values and MCLK frequencies.
Table 15. PLL Control Register (Register R1, Address 0x4002)
Bits
Bit Name
Description
[47:32]
M[15:0]
Denominator of the fractional PLL: 16-bit binary number
0x00FD: M = 253 (default)
[31:16]
N[15:0]
Numerator of the fractional PLL: 16-bit binary number
0x000C: N = 12 (default)
[14:11]
R[3:0]
Integer part of PLL: four bits, only values 2 to 8 are valid
0010: R = 2 (default)
0011: R = 3
0100: R = 4
0101: R = 5
0110: R = 6
0111: R = 7
1000: R = 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com