Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
ADAU1761
Rev. C | Page 72 of 92
R28: Playback L/R Mixer Mono Output (Mixer 7) Control, 16,418 (0x4022)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
MX7[1:0]
MX7EN
Table 62. Playback L/R Mixer Mono Output (Mixer 7) Control Register
Bits
Bit Name
Description
[2:1]
MX7[1:0]
L/R mono playback mixer (Mixer 7). Mixes the left and right playback mixers (Mixer 3 and Mixer 4) with either a
0 dB or 6 dB gain boost. Additionally, this mixer can operate as a common-mode output, which is used as the
virtual ground in a capless headphone configuration.
Setting
Gain Boost
00
Common-mode output (default)
R29: Playback Headphone Left Volume Control, 16,419 (0x4023)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LHPVOL[5:0]
LHPM
HPEN
Table 63. Playback Headphone Left Volume Control Register
01
0 dB output (−6 dB gain on each of the two inputs)
10
6 dB output (0 dB gain on each of the two inputs)
11
Reserved
0
MX7EN
Mixer 7 enable.
0 = disabled (default).
1 = enabled.
Bits
Bit Name
Description
[7:2]
LHPVOL[5:0]
Headphone volume control for left channel, LHP output. Each 1-bit step corresponds to a 1 dB increase in volume.
See Table 95 for a complete list of the volume settings.
Setting
Volume
000000
−57 dB (default)
…
…
111001
0 dB
…
…
111111
6 dB
1
LHPM
Headphone mute for left channel, LHP output (active low).
0 = mute.
1 = unmute (default).
0
HPEN
Headphone volume control enable. Logical OR with the HPMODE bit in Register R30. If either the HPEN bit or
the HPMODE bit is set to 1, the headphone output is enabled.
0 = disabled (default).
1 = enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com