Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 87 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 86Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
ADAU1761
Rev. C | Page 87 of 92
Table 92. R8 and R9 Volume Settings
Binary Value
Volume Setting (dB)
000000
−12
000001
−11.25
000010
−10.5
000011
−9.75
000100
−9
000101
−8.25
000110
−7.5
000111
−6.75
001000
−6
001001
−5.25
001010
−4.5
001011
−3.75
001100
−3
001101
−2.25
001110
−1.5
001111
−0.75
010000
0
010001
0.75
010010
1.5
010011
2.25
010100
3
010101
3.75
010110
4.5
010111
5.25
011000
6
011001
6.75
011010
7.5
011011
8.25
011100
9
011101
9.75
011110
10.5
011111
11.25
100000
12
100001
12.75
100010
13.5
100011
14.25
100100
15
100101
15.75
100110
16.5
100111
17.25
101000
18
101001
18.75
101010
19.5
101011
20.25
101100
21
101101
21.75
101110
22.5
101111
23.25
110000
24
110001
24.75
110010
25.5
Binary Value
Volume Setting (dB)
110011
26.25
110100
27
110101
27.75
110110
28.5
110111
29.25
111000
30
111001
30.75
111010
31.5
111011
32.25
111100
33
111101
33.75
111110
34.5
111111
35.25
Table 93. R14 Noise Gate Threshold
Binary Value
Noise Gate Threshold (dB)
00000
−76.5
00001
−75
00010
−73.5
00011
−72
00100
−70.5
00101
−69
00110
−67.5
00111
−66
01000
−64.5
01001
−63
01010
−61.5
01011
−60
01100
−58.5
01101
−57
01110
−55.5
01111
−54
10000
−52.5
10001
−51
10010
−49.5
10011
−48
10100
−46.5
10101
−45
10110
−43.5
10111
−42
11000
−40.5
11001
−39
11010
−37.5
11011
−36
11100
−34.5
11101
−33
11110
−31.5
11111
−30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com