Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
ADAU1761
Rev. C | Page 74 of 92
R32: Playback Line Output Right Volume Control, 16,422 (0x4026)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ROUTVOL[5:0]
ROUTM
ROMODE
Table 66. Playback Line Output Right Volume Control Register
Bits
Bit Name
Description
[7:2]
ROUTVOL[5:0]
Line output volume control for right channel, ROUTN and ROUTP outputs. Each 1-bit step corresponds to a 1 dB
increase in volume. See Table 95 for a complete list of the volume settings.
Setting
Volume
000000
−57 dB (default)
…
…
111001
0 dB
…
…
111111
6 dB
1
ROUTM
Line output mute for right channel, ROUTN and ROUTP outputs (active low).
0 = mute.
1 = unmute (default).
0
ROMODE
Line output mode for right channel, ROUTN and ROUTP outputs. These pins can be configured for either line
outputs or headphone outputs. To drive earpiece speakers, set this bit to 1 (headphone output).
0 = line output (default).
1 = headphone output.
R33: Playback Mono Output Control, 16,423 (0x4027)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MONOVOL[5:0]
MONOM
MOMODE
Table 67. Playback Mono Output Control Register
Bits
Bit Name
Description
[7:2]
MONOVOL[5:0]
Mono output volume control. Each 1-bit step corresponds to a 1 dB increase in volume. If MX7[1:0] in Register R28
is set for common-mode output, volume control is disabled. See Table 95 for a complete list of the volume
settings.
Setting
Volume
000000
−57 dB (default)
…
…
111001
0 dB
…
…
111111
6 dB
1
MONOM
Mono output mute (active low).
0 = mute.
1 = unmute (default).
0
MOMODE
Headphone mode enable. If MX7[1:0] in Register R28 is set for common-mode output for a capless headphone
configuration, this bit should be set to 1 ( headphone output).
0 = line output (default).
1 = headphone output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com