Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADAU1761BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
ADAU1761
Rev. C | Page 3 of 92
REVISION HISTORY
9/10—Rev. B to Rev. C
Changes to Figure 1...........................................................................1
5/10—Rev. A to Rev. B
Changes to Burst Mode Writing and Reading Section ..............38
Changes to Table 33 ........................................................................51
Added R67: Dejitter Control, 16,438 (0x4036) Section .............79
12/09—Rev. 0 to Rev. A
Changes to Features Section ............................................................1
Change to General Description Section.........................................1
Changes to Table 1 ............................................................................6
Change to Table 5 ............................................................................10
Changes to Figure 6.........................................................................13
Changes to Table 10 ........................................................................15
Changes to Captions of Figure 15, Figure 16, Figure 18, and
Figure 19 ...........................................................................................18
Changes to Captions of Figure 21 and Figure 24 ........................19
Added Figure 25; Renumbered Sequentially ...............................19
Change to Figure 26 ........................................................................20
Change to Figure 27 ........................................................................21
Change to Figure 28 ........................................................................22
Change to Theory of Operation Section ......................................23
Changes to Power Reduction Modes Section and
Case 1: PLL Is Bypassed Section ...................................................24
Changes to PLL Lock Acquisition Section...................................25
Changes to Core Clock Section and Figure 30............................26
Change to Sampling Rates Section................................................27
Changes to Input Signal Paths Section and Figure 32................29
Changes to Figure 33 and Figure 34 .............................................30
Changes to ADC Full-Scale Level Section ...................................31
Change to Automatic Level Control (ALC) Section...................32
Changes to Output Signal Paths Section......................................35
Changes to Headphone Output Section.......................................36
Changes to Jack Detection Section, Pop-and-Click
Suppression Section, and Line Outputs Section .........................37
Changes to Control Ports Section and I2C Port Section ............38
Added Burst Mode Writing and Reading Section ......................38
Changes to SPI Port Section ..........................................................41
Changes to Serial Data Input/Output Ports Section
and Table 25 .....................................................................................42
Added Figure 57 ..............................................................................42
Changes to Architecture Section and Figure 67..........................45
Added Startup Section....................................................................45
Changes to Parameter RAM Section and Data RAM Section ..47
Changes to Table 33 ........................................................................51
Changes to R2: Digital Microphone/Jack Detection Control,
16,392 (0x4008) Section and Table 36..........................................54
Changes to Table 42 ........................................................................58
Changes to Table 43 ........................................................................59
Changes to R15: Serial Port Control 0, 16,405 (0x4015)
Section and Table 49 .......................................................................63
Change to Table 50..........................................................................64
Changes to Table 51, R18: Converter Control 1, 16,408
(0x4018) Section, and Table 52 .....................................................65
Changes to Table 60, R27: Playback L/R Mixer Right (Mixer 6)
Line Output Control, 16,417 (0x4021) Section, and Table 61...71
Changes to Table 62, R29: Playback Headphone Left Volume
Control, 16,419 (0x4023) Section, and Table 63 .........................72
Changes to Table 64 ........................................................................73
Changes to R42: Jack Detect Pin Control, 16,433 (0x4031)
Section and Table 76 .......................................................................79
Changes to R57: DSP Sampling Rate Setting, 16,619 (0x40EB)
Section and Table 81 .......................................................................81
Change to Table 85..........................................................................83
Change to Table 88..........................................................................84
Changes to R66: Clock Enable 1, 16,634 (0x40FA) Section
and Table 90 .....................................................................................85
1/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com