Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
ADAU1761
Rev. C | Page 14 of 92
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 8.
Parameter
Rating
Power Supply (AVDD)
−0.3 V to +3.65 V
Input Current (Except Supply Pins)
±20 mA
Analog Input Voltage (Signal Pins)
−0.3 V to AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
−0.3 V to IOVDD + 0.3 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
θJA represents thermal resistance, junction-to-ambient; θJC repre-
sents thermal resistance, junction-to-case. All characteristics are
for a 4-layer board.
Table 9. Thermal Resistance
Package Type
θJA
θJC
Unit
32-Lead LFCSP
50.1
17
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com