Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 82 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
ADAU1761
Rev. C | Page 82 of 92
R52 to R56: Watchdog Registers, 16,592 to 16,596 (0x40D0 to 0x40D4)
A program counter watchdog is used when the core does block processing (which can span several samples). The watchdog flags an error
if the program counter reaches a specific 24-bit value (ranging from 0x000000 to 0xFFFFFF) that is set in the register map. This value
consists of three consecutive 8-bit register locations. The error flag sends a high signal to one of the GPIO pins. The watchdog function
must be enabled by setting the DOGEN bit high in Register R52 (Address 0x40D0).
The watchdog error bit (DOGER) is the 1-bit watchdog error flag that can be sent to a GPIO pin, as described in Table 79. This error flag
can connect, for example, to an interrupt pin on a microcontroller in the system. The flag is reset when the DOGEN bit goes low. This
flag can also be read back over the control port from Register R56 (Address 0x40D4).
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x40D0
Reserved
DOGEN
0x40D1
DOG[23:16]
0x40D2
DOG[15:8]
0x40D3
DOG[7:0]
0x40D4
Reserved
DOGER
Table 81. Watchdog Registers
Address
Register
Decimal
Bit Name
Hex
Description
R52
16,592
0x40D0
DOGEN
Watchdog enable bit.
0 = disabled (default).
1 = enabled.
R53
16,593
0x40D1
DOG[23:16]
Watchdog value, Bits[23:16] (MSB).
R54
16,594
0x40D2
DOG[15:8]
Watchdog value, Bits[15:8].
R55
16,595
0x40D3
DOG[7:0]
Watchdog value, Bits[7:0].
DOG[23:16]
DOG[15:8]
DOG[7:0]
Hex Value
00000000
00000000
00000000
0x000000 (default)
…
…
…
…
11111111
11111111
11111111
0xFFFFFF
R56
16,596
0x40D4
DOGER
Watchdog error (read-only bit).
0 = no error (default).
1 = error.
R57: DSP Sampling Rate Setting, 16,619 (0x40EB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
DSPSR[3:0]
Table 82. DSP Sampling Rate Setting Register
Bits
Bit Name
Description
[3:0]
DSPSR[3:0]
SigmaDSP core sampling rate. The DSP sampling rate is a ratio of the base sampling rate, fS. The base sampling rate
is determined by the operating frequency of the core clock. For most applications, the SigmaDSP core sampling
rate should equal the converter sampling rate (set using the CONVSR[2:0] bits in Register R17) and the serial
port sampling rate (set using the SPSR[2:0] bits in Register R64).
Setting
Sampling Rate
Base Sampling Rate (fS = 48 kHz)
0000
fS/0.5
96 kHz, base
0001
fS
48 kHz (default)
0010
fS/1.5
32 kHz
0011
fS/2
24 kHz
0100
fS/3
16 kHz
0101
fS/4
12 kHz
0110
fS/6
8 kHz
0111
Serial input data rate
1000
Serial output data rate
1111
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com