Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
ADAU1761
Rev. C | Page 34 of 92
Noise Gate Mode 2 (see Figure 42) is selected by setting the
NGTYP[1:0] bits to 10. In this mode, the ADAU1761 improves
the sound of the noise gate operation by first fading the PGA
gain over a period of about 100 ms to the minimum PGA gain
value. The ADAU1761 does not do a hard mute after the fade is
complete, so some small background noise will still exist.
Noise Gate Mode 3 (see Figure 43) is selected by setting the
NGTYP[1:0] bits to 11. This mode is the same as Mode 2 except
that at the end of the PGA fade gain interval, a digital mute is
performed. In general, this mode is the best-sounding mode,
because the audible effect of the digital hard mute is reduced by
the fact that the gain has already faded to a low level before the
mute occurs.
THRESHOLD
INPUT
ANALOG
GAIN
DIGITAL
MUTE
OUTPUT
INTERNAL
NOISE GATE
ENABLE SIGNAL
250ms
MIN GAIN
100ms
THRESHOLD
INPUT
ANALOG
GAIN
DIGITAL
MUTE
OUTPUT
INTERNAL
NOISE GATE
ENABLE SIGNAL
MIN GAIN
250ms
100ms
Figure 43. Noise Gate Mode 3 (Analog Fade/Digital Mute)
Figure 42. Noise Gate Mode 2 (Analog Fade)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com