Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
ADAU1761
Rev. C | Page 22 of 92
AVDD
IOVDD
AVDD
DVDDOUT
LINN
RINN
RINP
LINP
LAUX
RAUX
+
+
+
AUX LEFT
MCLK
ADC_SDATA/GPIO1
DAC_SDATA/GPIO0
LRCLK/GPIO3
BCLK/GPIO2
SERIAL DATA
CM
SYSTEM
CONTROLLER
ADDR1/CDATA
SDA/COUT
SCL/CCLK
ADDR0/CLATCH
MICBIAS
LOUTP
LOUTN
ROUTP
ROUTN
CLOCK
SOURCE
ADAU1761
10µF
CM
10µF
0.1µF
10µF
10µF
10µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
9.1pF
22nF
REXT
0.1µF
FROM VOLTAGE
REGULATOR
(1.8V TO 3.3V)
1kΩ
AUX RIGHT
10µF
1kΩ
49.9Ω
BCLK
1.2nH
22nF
REXT
22nF
REXT
REXT
22nF
INL+
INL–
INR+
INR–
OUTL+
OUTL–
OUTR+
OUTR–
SSM2306
CLASS-D 2W
STEREO SPEAKER
DRIVER
VDD
VDD
GND
SD
GND
2.5V TO 5.0V
RIGHT
SPEAKER
LEFT
SPEAKER
LHP
MONOOUT
RHP
CAPLESS
HEADPHONE
OUTPUT
BCLK
JACKDET/MICIN
GND
L/R SELECT
DATA
VDD
CLK
DIGITAL
MICROPHONE
GND
L/R SELECT
DATA
VDD
CLK
DIGITAL
MICROPHONE
0.1µF
10µF
+
Figure 28. System Block Diagram with Digital Microphones and SSM2306 Class-D Speaker Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com