Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 68 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
ADAU1761
Rev. C | Page 68 of 92
R23: Playback Mixer Left (Mixer 3) Control 1, 16,413 (0x401D)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MX3G2[3:0]
MX3G1[3:0]
Table 57. Playback Mixer Left (Mixer 3) Control 1 Register
Bits
Bit Name
Description
[7:4]
MX3G2[3:0]
Bypass gain control. The signal from the right channel record mixer (Mixer 2) bypasses the converters and gain
can be applied before the left playback mixer (Mixer 3).
Setting
Gain
0000
Mute (default)
0001
−15 dB
0010
−12 dB
0011
−9 dB
0100
−6 dB
0101
−3 dB
0110
0 dB
0111
3 dB
1000
6 dB
[3:0]
MX3G1[3:0]
Bypass gain control. The signal from the left channel record mixer (Mixer 1) bypasses the converters and gain
can be applied before the left playback mixer (Mixer 3).
Setting
Gain
0000
Mute (default)
0001
−15 dB
0010
−12 dB
0011
−9 dB
0100
−6 dB
0101
−3 dB
0110
0 dB
0111
3 dB
1000
6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com