Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
ADAU1761
Rev. C | Page 76 of 92
R36: DAC Control 0, 16,426 (0x402A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DACMONO[1:0]
DACPOL
Reserved
DEMPH
DACEN[1:0]
Table 70. DAC Control 0 Register
Bits
Bit Name
Description
[7:6]
DACMONO[1:0]
DAC mono mode. The DAC channels can be set to mono mode within the DAC and output on the left
channel, the right channel, or both channels.
Setting
Mono Mode
00
Stereo (default)
01
Left channel in mono mode
10
Right channel in mono mode
11
Both channels in mono mode
5
DACPOL
Invert input polarity of the DACs.
0 = normal (default).
1 = inverted.
2
DEMPH
DAC de-emphasis filter enable. The de-emphasis filter is designed for use with a sampling rate of 44.1 kHz only.
0 = disabled (default).
1 = enabled.
[1:0]
DACEN[1:0]
DAC enable.
Setting
DACs Enabled
00
Both off (default)
01
Left on
10
Right on
11
Both on
R37: DAC Control 1, 16,427 (0x402B)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LDAVOL[7:0]
Table 71. DAC Control 1 Register
Bits
Bit Name
Description
[7:0]
LDAVOL[7:0]
Controls the digital volume attenuation for left channel inputs from the left DAC. Each bit corresponds to a
0.375 dB step with slewing between settings. See Table 94 for a complete list of the volume settings.
Setting
Volume Attenuation
00000000
0 dB (default)
00000001
−0.375 dB
00000010
−0.75 dB
…
…
11111110
−95.25 dB
11111111
−95.625 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com