Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
ADAU1761
Rev. C | Page 7 of 92
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DAC TO HEADPHONE/EARPIECE
OUTPUT
PO = output power per channel
Full-Scale Output Voltage (0 dB)
Scales linearly with AVDD
AVDD/3.3
V rms
AVDD = 1.8 V
0.50 (1.41)
V rms (V p-p)
AVDD = 3.3 V
0.92 (2.60)
V rms (V p-p)
Total Harmonic Distortion + Noise
−4 dBFS
16 Ω load
AVDD = 1.8 V, PO = 6.4 mW
−76
dB
AVDD = 3.3 V, PO = 21.1 mW
−82
dB
32 Ω load
AVDD = 1.8 V, PO = 3.8 mW
−82
dB
AVDD = 3.3 V, PO = 10.6 mW
−82
dB
Power Supply Rejection Ratio
CM capacitor = 20 μF
100 mV p-p @ 217 Hz
56
dB
100 mV p-p @ 1 kHz
67
dB
Interchannel Isolation
1 kHz, 0 dBFS input signal, 32 Ω load,
AVDD = 3.3 V
Referred to GND
73
dB
Referred to CM (capless headphone
mode)
50
dB
REFERENCE
Common-Mode Reference Output
CM pin
AVDD/2
V
POWER SUPPLY SPECIFICATIONS
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLIES
Voltage
DVDDOUT
1.56
V
AVDD
1.8
3.3
3.65
V
IOVDD
1.63
3.3
3.65
V
Digital I/O Current (IOVDD = 1.8 V)
20 pF capacitive load on all digital pins
Slave Mode
fS = 48 kHz
0.25
mA
fS = 96 kHz
0.48
mA
fS = 8 kHz
0.07
mA
Master Mode
fS = 48 kHz
0.62
mA
fS = 96 kHz
1.23
mA
fS = 8 kHz
0.11
mA
Digital I/O Current (IOVDD = 3.3 V)
20 pF capacitive load on all digital pins
Slave Mode
fS = 48 kHz
0.48
mA
fS = 96 kHz
0.9
mA
fS = 8 kHz
0.13
mA
Master Mode
fS = 48 kHz
1.51
mA
fS = 96 kHz
3
mA
fS = 8 kHz
0.27
mA
Analog Current (AVDD)
See Table 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com