Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
ADAU1761
Rev. C | Page 59 of 92
R9: Right Differential Input Volume Control, 16,399 (0x400F)
This register enables the differential path and sets the volume control for the right differential PGA input.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RDVOL[5:0]
RDMUTE
RDEN
Table 43. Right Differential Input Volume Control Register
Bits
Bit Name
Description
[7:2]
RDVOL[5:0]
Right channel differential PGA input volume control. The right differential input uses the RINP (positive signal)
and RINN (negative signal) pins. Each step corresponds to a 0.75 dB increase in gain. See Table 92 for a complete
list of the volume settings.
Setting
Volume
000000
−12 dB (default)
000001
−11.25 dB
…
…
010000
0 dB
…
…
111110
34.5 dB
111111
35.25 dB
1
RDMUTE
Right differential input mute control.
0 = mute (default).
1 = unmute.
0
RDEN
Right differential PGA enable. When enabled, the RINP and RINN pins are used as a full differential pair. When
disabled, these two pins are configured as two single-ended inputs with the signals routed around the PGA.
0 = disabled (default).
1 = enabled.
R10: Record Microphone Bias Control, 16,400 (0x4010)
This register controls the MICBIAS pin settings for biasing electret type analog microphones.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
MPERF
MBI
Reserved
MBIEN
Table 44. Record Microphone Bias Control Register
Bits
Bit Name
Description
3
MPERF
Microphone bias is enabled for high performance or normal operation. High performance operation sources
more current to the microphone.
0 = normal operation (default).
1 = high performance.
2
MBI
Microphone voltage bias as a fraction of AVDD.
0 = 0.90 × AVDD (default).
1 = 0.65 × AVDD.
0
MBIEN
Enables the MICBIAS output.
0 = disabled (default).
1 = enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com