Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADAU1761BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
SigmaDSP Stereo, Low Power, 96 kHz,
24-Bit Audio Codec with Integrated PLL
ADAU1761
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2010 Analog Devices, Inc. All rights reserved.
FEATURES
SigmaDSP 28-/56-bit, 50 MIPS digital audio processor
Fully programmable with SigmaStudio graphical tool
24-bit stereo audio ADC and DAC: >98 dB SNR
Sampling rates from 8 kHz to 96 kHz
Low power: 7 mW record, 7 mW playback, 48 kHz at 1.8 V
6 analog input pins, configurable for single-ended or
differential inputs
Flexible analog input/output mixers
Stereo digital microphone input
Analog outputs: 2 differential stereo, 2 single-ended stereo,
1 mono headphone output driver
PLL supporting input clocks from 8 MHz to 27 MHz
Analog automatic level control (ALC)
Microphone bias reference voltage
Analog and digital I/O: 1.8 V to 3.65 V
I2C and SPI control interfaces
Digital audio serial data I/O: stereo and time-division
multiplexing (TDM) modes
Software-controllable clickless mute
Software power-down
GPIO pins for digital controls and outputs
32-lead, 5 mm × 5 mm LFCSP
−40°C to +85°C operating temperature range
APPLICATIONS
Smartphones/multimedia phones
Digital still cameras/digital video cameras
Portable media players/portable audio players
Phone accessories products
GENERAL DESCRIPTION
The ADAU1761 is a low power, stereo audio codec with
integrated digital audio processing that supports stereo 48 kHz
record and playback at 14 mW from a 1.8 V analog supply. The
stereo audio ADCs and DACs support sample rates from 8 kHz
to 96 kHz as well as a digital volume control.
The SigmaDSP® core features 28-bit processing (56-bit double
precision). The processor allows system designers to compensate
for the real-world limitations of microphones, speakers, amplifiers,
and listening environments, resulting in a dramatic improvement
in the perceived audio quality through equalization, multiband
compression, limiting, and third-party branded algorithms.
The SigmaStudio™ graphical development tool is used to program
the ADAU1761. This software includes audio processing blocks
such as filters, dynamics processors, mixers, and low level DSP
functions for fast development of custom signal flows.
The record path includes an integrated microphone bias circuit
and six inputs. The inputs can be mixed and muxed before the
ADC, or they can be configured to bypass the ADC. The
ADAU1761 includes a stereo digital microphone input.
The ADAU1761 includes five high power output drivers (two
differential and three single-ended), supporting stereo head-
phones, an earpiece, or other output transducer. AC-coupled
or capless configurations are supported. Individual fine level
controls are supported on all analog outputs. The output mixer
stage allows for flexible routing of audio.
FUNCTIONAL BLOCK DIAGRAM
HP JACK
DETECTION
REGULATOR
INPUT
MIXERS
ALC
MICROPHONE
BIAS
PLL
LINN
LINP
LAUX
JACKDET/MICIN
RINP
RINN
RAUX
MICBIAS
LHP
LOUTN
LOUTP
ADAU1761
RHP
MONOOUT
ROUTP
ROUTN
OUTPUT
MIXERS
DAC
DIGITAL
FILTERS
ADC
DIGITAL
FILTERS
DAC
DAC
ADC
ADC
SDA/
COUT
I2C/SPI
CONTROL PORT
SERIAL DATA
INPUT/OUTPUT PORTS
MCLK
SCL/
CCLK
ADDR1/
CDATA
ADDR0/
CLATCH
Figure 1.


Similar Part No. - ADAU1761BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1761BCPZ-R7 AD-ADAU1761BCPZ-R7 Datasheet
882Kb / 93P
24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1761BCPZ-R7 AD-ADAU1761BCPZ-R7 Datasheet
1Mb / 93P
Audio Codec
7/2018-Rev. C to Rev. D
ADAU1761BCPZ-R7 AD-ADAU1761BCPZ-R7 Datasheet
2Mb / 92P
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. F
More results

Similar Description - ADAU1761BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
logo
Analog Devices
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_17 Datasheet
882Kb / 93P
24-Bit Audio Codec with Integrated PLL
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com