Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
ADAU1761
Rev. C | Page 55 of 92
R4: Record Mixer Left (Mixer 1) Control 0, 16,394 (0x400A)
This register controls the gain of single-ended inputs for the left channel record path. The left channel record mixer is referred to as Mixer 1.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
LINPG[2:0]
LINNG[2:0]
MX1EN
Table 38. Record Mixer Left (Mixer 1) Control 0 Register
Bits
Bit Name
Description
[6:4]
LINPG[2:0]
Gain for a left channel single-ended input from the LINP pin, input to Mixer 1.
Setting
Gain
000
Mute (default)
001
−12 dB
010
−9 dB
011
−6 dB
100
−3 dB
101
0 dB
110
3 dB
111
6 dB
[3:1]
LINNG[2:0]
Gain for a left channel single-ended input from the LINN pin, input to Mixer 1.
Setting
Gain
000
Mute (default)
001
−12 dB
010
−9 dB
011
−6 dB
100
−3 dB
101
0 dB
110
3 dB
111
6 dB
0
MX1EN
Left channel mixer enable in the record path. Referred to as Mixer 1.
0 = mixer disabled (default).
1 = mixer enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com