Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 86 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 86Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
ADAU1761
Rev. C | Page 86 of 92
R65: Clock Enable 0, 16,633 (0x40F9)
This register disables or enables the digital clock engine for different blocks within the ADAU1761. For maximum power saving, use this
register to disable blocks that are not being used.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SLEWPD
ALCPD
DECPD
SOUTPD
INTPD
SINPD
SPPD
Table 90. Clock Enable 0 Register
Bits
Bit Name
Description
6
SLEWPD
Codec slew digital clock engine enable. When powered down, the analog playback path volume controls are
disabled and stay set to their current state.
0 = powered down (default).
1 = enabled.
5
ALCPD
ALC digital clock engine enable.
0 = powered down (default).
1 = enabled.
4
DECPD
Decimator resync (dejitter) digital clock engine enable.
0 = powered down (default).
1 = enabled.
3
SOUTPD
Serial routing outputs digital clock engine enable.
0 = powered down (default).
1 = enabled.
2
INTPD
Interpolator resync (dejitter) digital clock engine enable.
0 = powered down (default).
1 = enabled.
1
SINPD
Serial routing inputs digital clock engine enable.
0 = powered down (default).
1 = enabled.
0
SPPD
Serial port digital clock engine enable.
0 = powered down (default).
1 = enabled.
R66: Clock Enable 1, 16,634 (0x40FA)
This register enables Digital Clock Generator 0 and Digital Clock Generator 1. Digital Clock Generator 0 generates sample rates for the
ADCs, DACs, and DSP. Digital Clock Generator 1 generates BCLK and LRCLK for the serial port when the part is in master mode. For
maximum power saving, use this register to disable clocks that are not being used.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
CLK1
CLK0
Table 91. Clock Enable 1 Register
Bits
Bit Name
Description
1
CLK1
Digital Clock Generator 1.
0 = off (default).
1 = on.
0
CLK0
Digital Clock Generator 0.
0 = off (default).
1 = on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com