Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
ADAU1761
Rev. C | Page 20 of 92
SYSTEM BLOCK DIAGRAMS
AVDD
IOVDD
AVDD
DVDDOUT
LINN
RINN
RINP
LINP
JACK
DETECTION
SIGNAL
LAUX
RAUX
LEFT
MICROPHONE
RIGHT
MICROPHONE
+
+
+
AUX RIGHT
AUX LEFT
JACKDET/MICIN
MCLK
ADC_SDATA/GPIO1
DAC_SDATA/GPIO0
LRCLK/GPIO3
BCLK/GPIO2
SERIAL DATA
CM
SYSTEM
CONTROLLER
ADDR1/CDATA
SDA/COUT
SCL/CCLK
ADDR0/CLATCH
MICBIAS
LOUTP
LOUTN
LHP
MONOOUT
RHP
ROUTP
ROUTN
CAPLESS
HEADPHONE
OUTPUT
EARPIECE
SPEAKER
EARPIECE
SPEAKER
CLOCK
SOURCE
THE INPUT CAPACITOR VALUE DEPENDS ON THE
INPUT IMPEDANCE, WHICH VARIES WITH THE
VOLUME SETTING.
ADAU1761
10µF
10µF
10µF
10µF
10µF
10µF
10µF
0.1µF
10µF
10µF
0.1µF
0.1µF
9.1pF
0.1µF
FROM VOLTAGE
REGULATOR
(1.8V TO 3.3V)
2kΩ
2kΩ
1kΩ
1kΩ
49.9Ω
0.1µF
10µF
+
1.2nH
Figure 26. System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com