Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
ADAU1761
Rev. C | Page 73 of 92
R30: Playback Headphone Right Volume Control, 16,420 (0x4024)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RHPVOL[5:0]
RHPM
HPMODE
Table 64. Playback Headphone Right Volume Control Register
Bits
Bit Name
Description
[7:2]
RHPVOL[5:0]
Headphone volume control for right channel, RHP output. Each 1-bit step corresponds to a 1 dB increase in
volume. See Table 95 for a complete list of the volume settings.
Setting
Volume
000000
−57 dB (default)
…
…
111001
0 dB
…
…
111111
6 dB
1
RHPM
Headphone mute for right channel, RHP output (active low).
0 = mute.
1 = unmute (default).
0
HPMODE
RHP and LHP output mode. These pins can be configured for either line outputs or headphone outputs. Logical
OR with the HPEN bit in Register R29. If either the HPMODE bit or the HPEN bit is set to 1, the headphone output
is enabled.
0 = enable line output (default).
1 = enable headphone output.
R31: Playback Line Output Left Volume Control, 16,421 (0x4025)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LOUTVOL[5:0]
LOUTM
LOMODE
Table 65. Playback Line Output Left Volume Control Register
Bits
Bit Name
Description
[7:2]
LOUTVOL[5:0]
Line output volume control for left channel, LOUTN and LOUTP outputs. Each 1-bit step corresponds to a 1 dB
increase in volume. See Table 95 for a complete list of the volume settings.
Setting
Volume
000000
−57 dB (default)
…
…
111001
0 dB
…
…
111111
6 dB
1
LOUTM
Line output mute for left channel, LOUTN and LOUTP outputs (active low).
0 = mute.
1 = unmute (default).
0
LOMODE
Line output mode for left channel, LOUTN and LOUTP outputs. These pins can be configured for either line
outputs or headphone outputs. To drive earpiece speakers, set this bit to 1 (headphone output).
0 = line output (default).
1 = headphone output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com