Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
ADAU1761
Rev. C | Page 50 of 92
GENERAL-PURPOSE INPUT/OUTPUT
The serial data input/output pins (Pin 26 to Pin 29) are shared
with the general-purpose input/output function. Each of these
four pins can be set to only one of these functions. The function
of these pins is set in the serial data/GPIO pin configuration
register (Register R60, Address 0x40F4).
The GPIOx pins can be used as inputs or outputs. These pins
are readable and can be set through the control port or directly
by the SigmaDSP core. When configured as inputs, the GPIOx
pins can be used with push-button switches or rotary encoders
to control DSP program settings. These pins can also be used
with digital outputs to drive LEDs or external logic to indicate
the status of internal signals and control other devices. Examples
of this use include indicating signal overload, signal present,
and button press confirmation.
When configured as an output, each GPIO pin can typically
drive 2 mA, which is enough current to directly drive some
high efficiency LEDs. Standard LEDs require about 20 mA of
current and can be driven from a GPIO output with an external
transistor or buffer. Because of problems that can arise from
simultaneously driving or sinking a large amount of current on
many pins, avoid connecting high efficiency LEDs directly to
many or all of the GPIO pins when designing the application.
If many LEDs are required, use an external driver. When the
GPIO pins are configured as open-collector outputs, they
should be pulled up to a maximum voltage equal to the voltage
set on IOVDD.
The configuration of the GPIO functions is set up in the
GPIO pin control registers (Register R48 to Register R51,
Address 0x40C6 to Address 0x40C9).
GPIO PINS SET FROM THE CONTROL PORT
The GPIO pins can also be configured to be directly controlled
from the I2C/SPI control port. When the pins are set to this
mode, four memory locations are enabled for the GPIO pin
settings. The physical settings on the GPIO pins mirror the
settings of the LSB of these 4-byte-wide memory locations.
Table 32. GPIOx Pin Memory Settings (Set from Control Port)
Memory Location
Decimal
Hex
Bits[31:1]
Bit 0
1568
0x0620
Reserved
GPIO0SET
1569
0x0621
Reserved
GPIO1SET
1570
0x0622
Reserved
GPIO2SET
1571
0x0623
Reserved
GPIO3SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com