Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
ADAU1761
Rev. C | Page 43 of 92
LRCLK
BCLK
SDATA
MSB
LEFT CHANNEL
LSB
MSB
RIGHT CHANNEL
LSB
1/
fS
Figure 58. I2S Mode—16 Bits to 24 Bits per Channel
LRCLK
BCLK
SDATA
LEFT CHANNEL
MSB
LSB
MSB
RIGHT CHANNEL
LSB
1/
fS
Figure 59. Left-Justified Mode—16 Bits to 24 Bits per Channel
LRCLK
BCLK
SDATA
LEFT CHANNEL
MSB
LSB
MSB
RIGHT CHANNEL
LSB
1/
fS
Figure 60. Right-Justified Mode—16 Bits to 24 Bits per Channel
LRCLK
BCLK
SDATA
SLOT 0
SLOT 3
SLOT 4
32 BCLKs
MSB
MSB – 1
MSB – 2
256 BCLKs
SLOT 1
SLOT 2
SLOT 5
SLOT 6
SLOT 7
LRCLK
BCLK
SDATA
Figure 61. TDM 8 Mode
LRCLK
SLOT 0
SLOT 1
SLOT 2
SLOT 3
SLOT 4
SLOT 5
SLOT 6
SLOT 7
CH
0
BCLK
SDATA
MSB TDM
CH
8
32
BCLKs
MSB TDM
Figure 62. TDM 8 Mode with Pulse Word Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com