Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
ADAU1761
Rev. C | Page 62 of 92
R13: ALC Control 2, 16,403 (0x4013)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ALCATCK[3:0]
ALCDEC[3:0]
Table 47. ALC Control 2 Register
Bits
Bit Name
Description
[7:4]
ALCATCK[3:0]
ALC attack time. The attack time sets how fast the ALC starts attenuating after an increase in input level above
the target. A typical setting for music recording is 384 ms, and a typical setting for voice recording is 24 ms.
Setting
Attack Time
0000
6 ms (default)
0001
12 ms
0010
24 ms
0011
48 ms
0100
96 ms
0101
192 ms
0110
384 ms
0111
768 ms
1000
1.54 sec
1001
3.07 sec
1010
6.14 sec
1011
12.29 sec
1100
24.58 sec
1101
49.15 sec
1110
98.30 sec
1111
196.61 sec
[3:0]
ALCDEC[3:0]
ALC decay time. The decay time sets how fast the ALC increases the PGA gain after a decrease in input level
below the target. A typical setting for music recording is 24.58 seconds, and a typical setting for voice recording
is 1.54 seconds.
Setting
Decay Time
0000
24 ms
0001
48 ms
0010
96 ms
0011
192 ms
0100
384 ms
0101
768 ms
0110
1.54 sec
0111
3.07 sec
1000
6.14 sec
1001
12.29 sec
1010
24.58 sec
1011
49.15 sec
1100
98.30 sec
1101
196.61 sec
1110
393.22 sec
1111
786.43 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com