Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
ADAU1761
Rev. C | Page 37 of 92
Jack Detection
LINE OUTPUTS
When the JACKDET/MICIN pin is set to the jack detect func-
tion, a flag on this pin can be used to mute the line outputs
when headphones are plugged into the jack. This pin can be
configured in Register R2 (digital microphone/jack detection
control register, Address 0x4008). The JDFUNC[1:0] bits set the
functionality of the JACKDET/MICIN pin.
The line output pins (LOUTP, LOUTN, ROUTP, and ROUTN)
can be used to drive both differential and single-ended loads. In
their default settings, these pins can drive typical line loads of
10 kΩ or greater, but they can also be put into headphone mode
by setting the LOMODE bit in Register R31 (playback line output
left volume control register, Address 0x4025) and the ROMODE
bit in Register R32 (playback line output right volume control
register, Address 0x4026). In headphone mode, the line output
pins are capable of driving headphone and earpiece speakers of
16 Ω or greater. The output impedance of the line outputs is
approximately 1 kΩ.
Additional settings for jack detection include debounce time
(JDDB[1:0] bits) and detection polarity (JDPOL bit). Because
the jack detection and digital microphone share a pin, both
functions cannot be used simultaneously.
POP-AND-CLICK SUPPRESSION
When the line output pins are used in single-ended mode,
LOUTP and ROUTP should be used to output the signals, and
LOUTN and ROUTN should be left unconnected.
Upon power-up, precharge circuitry is enabled to suppress pops
and clicks. After power-up, the precharge circuitry can be put
into a low power mode using the POPMODE bit in Register R34
(playback pop/click suppression register, Address 0x4028).
The volume controls for these outputs range from −57 dB to
+6 dB. Slew can be applied to all the playback volume controls
using the ASLEW[1:0] bits in Register R34 (playback pop/click
suppression register, Address 0x4028).
The precharge time depends on the capacitor value on the CM
pin and the RC time constant of the load. For a typical line output
load, the precharge time is between 2 ms and 3 ms. After this
precharge time, the POPMODE bit can be set to low power mode.
The MX5G4[1:0], MX5G3[1:0], MX6G3[1:0], and MX6G4[1:0]
bits can all provide a 6 dB gain boost to the line outputs. This
gain boost allows single-ended output signals to achieve 0 dBV
(1.0 V rms) and differential output signals to achieve up to
6 dBV (2.0 V rms). For more information, see Register R26
(playback L/R mixer left (Mixer 5) line output control register,
Address 0x4020) and Register R27 (playback L/R mixer right
(Mixer 6) line output control register, Address 0x4021).
Changing any register settings that affect the signal path can
cause pops and clicks on the analog outputs. To avoid these pops
and clicks, mute the appropriate outputs using Register R29 to
Register R32 (Address 0x4023 to Address 0x4026). Unmute the
analog outputs after the changes are made.
MIXER 3
LEFT DAC
MX5G3[1:0]
MIXER 5
LOUTVOL[5:0]
LOUTP
MIXER 4
RIGHT DAC
MX6G4[1:0]
MIXER 6
ROUTVOL[5:0]
ROUTP
ROUTN
LOUTN
–1
–1
Figure 48. Differential Line Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com