Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
ADAU1761
Rev. C | Page 26 of 92
CLOCKING AND SAMPLING RATES
MCLK
INFREQ[1:0]
SERIAL
DATA INPUT/
OUTPUT PORT
ADCs
DACs
÷ X
× (R + N/M)
R1: PLL CONTROL REGISTER
CLKSRC
R0: CLOCK
CONTROL REGISTER
CORE
CLOCK
R17: CONVERTER
SAMPLING RATE
256 ×
fS, 512 × fS,
768 ×
fS, 1024 × fS
CONVSR[2:0]
fS/0.5, 1, 1.5, 2, 3, 4, 6
R57: DSP SAMPLING
RATE SETTING
DSPSR[3:0]
fS/0.5, 1, 1.5, 2, 3, 4, 6
R64: SERIAL PORT
SAMPLING RATE
SPSR[2:0]
fS/0.5, 1, 1.5, 2, 3, 4, 6
ADC_SDATA/GPIO1
DAC_SDATA/GPIO0
LRCLK/GPIO3
BCLK/GPIO2
Figure 30. Clock Tree Diagram
CORE CLOCK
Clocks for the converters, the serial ports, and the DSP are
derived from the core clock. The core clock can be derived
directly from MCLK or it can be generated by the PLL. The
CLKSRC bit (Bit 3 in Register R0, Address 0x4000) determines
the clock source.
The INFREQ[1:0] bits should be set according to the expected
input clock rate selected by CLKSRC; this value also determines
the core clock rate and the base sampling frequency, fS.
For example, if the input to CLKSRC = 49.152 MHz (from
PLL), then
INFREQ[1:0] = 1024 × fS
fS = 49.152 MHz/1024 = 48 kHz
The PLL output clock rate is always 1024 × fS, and the clock
control register automatically sets the INFREQ[1:0] bits to
1024 × fS when using the PLL. When using a direct clock, the
INFREQ[1:0] frequency should be set according to the MCLK
pin clock rate and the desired base sampling frequency.
To utilize the maximum amount of DSP instructions, the core
clock should run at a rate of 1024 × fS.
Table 12. Clock Control Register (Register R0, Address 0x4000)
Bits
Bit Name
Settings
3
CLKSRC
0: Direct from MCLK pin (default)
1: PLL clock
[2:1]
INFREQ[1:0]
00: 256 × fS (default)
01: 512 × fS
10: 768 × fS
11: 1024 × fS
0
COREN
0: Core clock disabled (default)
1: Core clock enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com